Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 19 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 19 Page - Analog Devices

Back Button LT8637 Datasheet HTML 15Page - Analog Devices LT8637 Datasheet HTML 16Page - Analog Devices LT8637 Datasheet HTML 17Page - Analog Devices LT8637 Datasheet HTML 18Page - Analog Devices LT8637 Datasheet HTML 19Page - Analog Devices LT8637 Datasheet HTML 20Page - Analog Devices LT8637 Datasheet HTML 21Page - Analog Devices LT8637 Datasheet HTML 22Page - Analog Devices LT8637 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
LT8636/LT8637
19
Rev. C
For more information www.analog.com
APPLICATIONS INFORMATION
The LT8636/LT8637 will not enter Burst Mode operation
at low output loads while synchronized to an external
clock, but instead will run forced continuous mode to
maintain regulation. The LT8636/LT8637 may be syn-
chronized over a 200kHz to 3MHz range. The RT resistor
should be chosen to set the LT8636/LT8637 switching
frequency equal to or below the lowest synchronization
input. For example, if the synchronization signal will be
500kHz and higher, the RT should be selected for 500kHz.
The slope compensation is set by the RT value, while
the minimum slope compensation required to avoid sub-
harmonic oscillations is established by the inductor size,
input voltage and output voltage. Since the synchroniza-
tion frequency will not change the slopes of the inductor
current waveform, if the inductor is large enough to avoid
subharmonic oscillations at the frequency set by RT, then
the slope compensation will be sufficient for all synchro-
nization frequencies.
FB Resistor Network
The output voltage is programmed with a resistor divider
between the output and the FB pin. Choose the resistor
values according to:
R1
=R2
VOUT
0.970V
–1
⎛
⎝⎜
⎞
⎠⎟
(1)
Reference designators refer to the Block Diagram. 1%
resistors are recommended to maintain output voltage
accuracy.
For the LT8636/LT8637, if low input quiescent current and
good light-load efficiency are desired, use large resistor
values for the FB resistor divider. The current flowing in
the divider acts as a load current, and will increase the no-
load input current to the converter, which is approximately:
IQ =1.7µA+
VOUT
R1
+R2
⎛
⎝⎜
⎞
⎠⎟
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
1
n
⎛
⎝⎜
⎞
⎠⎟
(2)
where 1.7µA is the quiescent current of the LT8636/
LT8637 and the second term is the current in the feedback
divider reflected to the input of the buck operating at its
light load efficiency n. For a 3.3V application with R1 =
1M and R2 = 412k, the feedback divider draws 2.3µA.
With VIN = 12V and n = 80%, this adds 0.8µA to the 1.7µA
quiescent current resulting in 2.5µA no-load current from
the 12V supply. Note that this equation implies that the
no-load current is a function of VIN; this is plotted in the
Typical Performance Characteristics section.
When using large FB resistors, a 4.7pF to 22pF phase-lead
capacitor should be connected from VOUT to FB.
Setting the Switching Frequency
The LT8636/LT8637 uses a constant frequency PWM
architecture that can be programmed to switch from
200kHz to 3MHz by using a resistor tied from the RT pin
to ground. A table showing the necessary RT value for a
desired switching frequency is in Table 1.
The RT resistor required for a desired switching frequency
can be calculated using:
RT =
46.5
fSW
– 5.2
(3)
where RT is in kΩ and fSW is the desired switching fre-
quency in MHz.
Table 1. SW Frequency vs RT Value
fSW (MHz)
RT (kΩ)
0.2
232
0.3
150
0.4
110
0.5
88.7
0.6
71.5
0.7
60.4
0.8
52.3
1.0
41.2
1.2
33.2
1.4
28.0
1.6
23.7
1.8
20.5
2.0
17.8
2.2
15.8
3.0
10.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com