Electronic Components Datasheet Search
  English  ▼

X  

LT8637 Datasheet(PDF) 3 Page - Analog Devices

Part # LT8637
Description  42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8637 Datasheet(HTML) 3 Page - Analog Devices

  LT8637 Datasheet HTML 1Page - Analog Devices LT8637 Datasheet HTML 2Page - Analog Devices LT8637 Datasheet HTML 3Page - Analog Devices LT8637 Datasheet HTML 4Page - Analog Devices LT8637 Datasheet HTML 5Page - Analog Devices LT8637 Datasheet HTML 6Page - Analog Devices LT8637 Datasheet HTML 7Page - Analog Devices LT8637 Datasheet HTML 8Page - Analog Devices LT8637 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LT8636/LT8637
3
Rev. C
For more information www.analog.com
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE
TYPE**
MSL
RATING
TEMPERATURE RANGE
AUTOMOTIVE PRODUCTS***
LT8636EV#WPBF
8636
e4
Au (RoHS)
LQFN (Laminate Package
with QFN Footprint)
3
–40°C to 125°C
LT8636JV#WPBF
–40°C to 150°C
LT8636JV#WTRPBF
–40°C to 150°C
LT8636HV#WPBF
–40°C to 150°C
LT8637EV#WPBF
8637
–40°C to 125°C
LT8637JV#WPBF
–40°C to 150°C
• Contact the factory for parts specified with wider operating temperature
ranges. *Device temperature grade is identified by a label on the
shipping container.
• Pad finish code is per IPC/JEDEC J-STD-609.
• Recommended PCB Assembly and Manufacturing Procedures
• Package and Tray Drawings
Parts ending with PBF are RoHS and WEEE compliant. **The LT8636/LT8637 package has the same dimensions as a standard 4mm × 3mm QFN package.
***Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Input Voltage
l
3.0
3.4
V
VIN Quiescent Current in Shutdown
VEN/UV = 0V
l
1
1
3
10
µA
µA
LT8636 VIN Quiescent Current in Sleep
(Internal Compensation)
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V
l
1.7
1.7
4
10
µA
µA
LT8637 VIN Quiescent Current in Sleep
(External Compensation)
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 0V
l
230
230
290
340
µA
µA
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 5V
19
25
µA
LT8637 BIAS Quiescent Current in Sleep
VEN/UV = 2V, VFB > 0.97V, VSYNC = 0V, VBIAS = 5V
200
260
µA
LT8636 VIN Current in Regulation
VOUT = 0.97V, VIN = 6V, ILOAD = 1mA, VSYNC = 0
220
390
µA
Feedback Reference Voltage
VIN = 6V
VIN = 6V
l
0.966
0.956
0.970
0.970
0.974
0.982
V
V
Feedback Voltage Line Regulation
VIN = 4.0V to 36V
l
0.004
0.02
%/V
Feedback Pin Input Current
VFB = 1V
–20
20
nA
LT8637 Error Amp Transconductance
VC = 1.25V
1.7
mS
LT8637 Error Amp Gain
260
LT8637 VC Source Current
VFB = 0.77V, VC = 1.25V
350
µA
LT8637 VC Sink Current
VFB = 1.17V, VC = 1.25V
350
µA
LT8637 VC Pin to Switch Current Gain
5
A/V
LT8637 VC Clamp Voltage
2.6
V
BIAS Pin Current Consumption
VBIAS = 3.3V, fSW = 2MHz
14
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com