Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 1 Page - Analog Devices

  LTC7802 Datasheet HTML 1Page - Analog Devices LTC7802 Datasheet HTML 2Page - Analog Devices LTC7802 Datasheet HTML 3Page - Analog Devices LTC7802 Datasheet HTML 4Page - Analog Devices LTC7802 Datasheet HTML 5Page - Analog Devices LTC7802 Datasheet HTML 6Page - Analog Devices LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
LTC7802-3.3
1
Rev. 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
40V Low IQ, 3MHz Dual, 2-Phase Synchronous
Step-Down Controller with Spread Spectrum
The LTC®7802-3.3 is a high performance dual step-down
synchronous DC/DC switching regulator controller that
drives all N-channel power MOSFET stages. Constant fre-
quency current mode architecture allows a phase-lockable
switching frequency of up to 3MHz. The LTC7802-3.3
operates from a wide 4.5V to 40V input supply range.
Power loss and supply noise are minimized by operating
the two controller output stages out-of-phase.
The very low no-load quiescent current extends operating
runtime in battery powered systems. OPTI-LOOP com-
pensation allows the transient response to be optimized
over a wide range of output capacitance and ESR values.
The LTC7802-3.3 features a precision 0.8V reference and
power good output indicators. The MODE pin selects
among Burst Mode operation, pulse-skipping mode, or
continuous inductor current mode at light loads.
The LTC7802-3.3 additionally features spread spectrum
operation which significantly reduces the peak radiated
and conducted noise on both the input and output sup-
plies, making it easier to comply with electromagnetic
interference (EMI) standards.
APPLICATIONS
n
Wide Input Voltage Range: 4.5V to 40V
n
Wide Output Voltage Range: 0.8V to 99% • VIN
n
Low Operating IQ: 12μA (14V to 3.3V, Channel 1 On)
n
Fixed 3.3V Output Voltage on Channel 1
n
Spread Spectrum Operation
n
RSENSE or DCR Current Sensing
n
Out-of-Phase Controllers Reduce Required Input
Capacitance and Power Supply Induced Noise
n
Programmable Fixed Frequency (100kHz to 3MHz)
n
Phase-Lockable Frequency (100kHz to 3MHz)
n
Selectable Continuous, Pulse-Skipping, or Low
Ripple, Burst Mode® Operation at Light Loads
n
Very Low Dropout Operation: 99% Duty Cycle
n
Power Good Output Voltage Monitors
n
Output Overvoltage Protection
n
Internal LDO Powers Gate Drive from VIN or EXTVCC
n
Low Shutdown IQ: 1.5μA
n
Side Wettable 4mm × 5mm QFN-28 Package
n
Automotive and Transportation
n
Industrial
n
Military / Avionics
All registered trademarks and trademarks are the property of their respective owners.
VOUT2
VOUT1
VIN
0.1µF
0.9µH
2m
4.7µF
330µF
0.1µF
0.1µF
1.8µH
3m
0.1µF
357k
68.1k
220µF
LTC7802-3.3
SW1
BG1
TG1
BOOST1
SENSE1+
SENSE1–
RUN1 VIN RUN2 INTVCC
INTVCC
EXTVCC
VOUT1
ITH1
TRACK/SS1
GND
SW2
BG2
TG2
BOOST2
SENSE2+
SENSE2–
VFB2
ITH2
TRACK/SS2
MODE
PLLIN/SPREAD
3.3V/12A
5V/10A
4.5V TO 40V
FREQ
780233 TA01a


Similar Part No. - LTC7802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7802 AD-LTC7802 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
LTC7802 AD-LTC7802 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
LTC7802 AD-LTC7802 Datasheet
1Mb / 19P
Fully Integrated 24V/12A Switched Capacitor DC/DC Converter with Overvoltage and Overcurrent Protections
Rev. A
LTC7802-3.3 AD-LTC7802-3.3 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
More results

Similar Description - LTC7802

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3827 LINER-LTC3827 Datasheet
446Kb / 36P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3857 LINER-LTC3857 Datasheet
531Kb / 38P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1 Datasheet
591Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868-1 LINER-LTC3868-1 Datasheet
595Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3827-1 LINER-LTC3827-1_15 Datasheet
452Kb / 32P
Low IQ, Dual, 2-Phase Synchronous Step-Down Controller
LTC3858 LINER-LTC3858_15 Datasheet
429Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3858-1 LINER-LTC3858-1_15 Datasheet
434Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
LTC3868 LINER-LTC3868_15 Datasheet
402Kb / 38P
Low IQ, Dual 2-Phase Synchronous Step-Down Controller
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
LTC7802 AD-LTC7802 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com