Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices LTC7802 Datasheet HTML 27Page - Analog Devices LTC7802 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 34 page
background image
LTC7802-3.3
24
Rev. 0
For more information www.analog.com
The following list summarizes the four possible connec-
tions for EXTVCC:
1. EXTVCC grounded. This will cause INTVCC to be pow-
ered from the internal VIN LDO resulting in an efficiency
penalty of up to 10% or more at high input voltages.
2. EXTVCC connected directly to one of the regulator out-
puts. This is the normal connection for an application
with an output in the range of 5V to 30V and provides
the highest efficiency. If both outputs are in the 5V to
30V range, connect EXTVCC to the lesser of the two
outputs to maximize efficiency.
3. EXTVCC connected to an external supply. If an external
supply is available, it may be used to power EXTVCC
provided that it is compatible with the MOSFET gate
drive requirements. This supply may be higher or lower
than VIN; however, a lower EXTVCC voltage results in
higher efficiency.
4. EXTVCC connected to an output-derived boost or charge
pump. For regulators where both outputs are below
5V, efficiency gains can still be realized by connect-
ing EXTVCC to an output-derived voltage that has been
boosted to greater than 4.8V.
Topside MOSFET Driver Supply (CB, DB)
External bootstrap capacitors CB connected to the
BOOST pins supply the gate drive voltages for the top-
side MOSFETs. Capacitor CB in the Functional Diagram is
charged though external diode DB from INTVCC when the
SW pin is low.
When one of the topside MOSFETs is to be turned on, the
driver places the CB voltage across the gate-source of the
desired MOSFET. This enhances the MOSFET and turns on
the topside switch. The switch node voltage, SW, rises to
VIN and the BOOST pin follows. With the topside MOSFET
on, the boost voltage is above the input supply: VBOOST =
VIN + VINTVCC. The value of the boost capacitor CB needs
to be 100 times that of the total input capacitance of the
topside MOSFET(s). For a typical application, a value of
CB = 0.1μF is generally sufficient.
The external diode DB can be a Schottky diode or sili-
con diode, but in either case it should have low leakage
and fast recovery. The reverse breakdown of the diode
must be greater than VIN(MAX). Pay close attention to the
reverse leakage at high temperatures where it generally
increases substantially.
A leaky diode not only increases the quiescent current
of the regulator, but it can create current path from the
BOOST pin to INTVCC. This will cause INTVCC to rise if
the diode leakage exceeds the current consumption on
INTVCC, which is primarily a concern in Burst Mode opera-
tion where the load on INTVCC can be very small. There
is an internal voltage clamp on INTVCC that prevents the
INTVCC voltage from running away, but this clamp should
be regarded as a failsafe only.
Minimum On-Time Considerations
Minimum on-time tON(MIN) is the smallest time duration
that the LTC7802-3.3 is capable of turning on the top
MOSFET. It is determined by internal timing delays and
the gate charge required to turn on the MOSFET. Low duty
cycle applications may approach this minimum on time
limit and care should be taken to ensure that:
tON(MIN) <
VOUT
VIN•fOSC
If the duty cycle falls below what can be accommodated
by the minimum on-time, the controller will begin to skip
cycles. The output voltage will continue to be regulated,
but the ripple voltage and current will increase. The mini-
mum on-time for the LTC7802-3.3 is approximately 40ns.
However, as the peak sense voltage decreases the mini-
mum on-time gradually increases up to about 60ns. This
is of particular concern in forced continuous applications
with low ripple current at light loads. If the duty cycle
drops below the minimum on-time limit in this situation,
a significant amount of cycle skipping can occur with cor-
respondingly larger current and voltage ripple.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com