Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices LTC7802 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
LTC7802-3.3
23
Rev. 0
For more information www.analog.com
Single Output 2-Phase Operation
For high power 3.3V output applications, the two channels
can be operated in a 2-phase single output configuration.
The channels switch 180° out-of-phase, which reduces
the required output capacitance in addition to the required
input capacitance and power supply induced noise. To
configure the LTC7802-3.3for 2-phase operation, tie VFB2
to INTVCC, ITH2 to ground, and RUN2 to RUN1.
The RUN1, VOUT1, ITH1, TRACK/SS1 pins are then used
to control both channels, but each channel uses its own
ICMP and IR comparators to monitor their respective
inductor currents. Figure 10 is a typical application con-
figured for single output 2-phase operation.
INTVCC Regulators
The LTC7802-3.3 features two separate internal low
dropout linear regulators (LDOs) that supply power at
the INTVCC pin from either the VIN pin or the EXTVCC pin
depending on the EXTVCC pin voltage. INTVCC powers the
MOSFET gate drivers and most of the internal circuitry.
The VIN LDO and the EXTVCC LDO each regulate INTVCC
to 5.1V and can provide a peak current of at least 100mA.
The INTVCC pin must be bypassed to ground with a
minimum of 4.7μF ceramic capacitor, placed as close as
possible to the pin. An additional 1μF ceramic capacitor
placed directly adjacent to the INTVCC and GND pins is
also highly recommended to supply the high frequency
transient currents required by the MOSFET gate drivers.
High input voltage applications in which large MOSFETs
are being driven at high frequencies may cause the maxi-
mum junction temperature rating for the LTC7802-3.3 to
be exceeded. The INTVCC current, which is dominated by
the gate charge current, may be supplied by either the VIN
LDO or the EXTVCC LDO. When the voltage on the EXTVCC
pin is less than 4.7V, the VIN LDO is enabled. Power dissi-
pation for the IC in this case is equal to VIN • IINTVCC. The
gate charge current is dependent on operating frequency
as discussed in the Efficiency Considerations section.
The junction temperature can be estimated by using the
equations given in Note 2 of the Electrical Characteristics.
For example, the LTC7802-3.3 INTVCC current is limited
to less than 35mA from a 36V supply when not using the
EXTVCC supply at a 70°C ambient temperature:
TJ = 70°C + (35mA)(36V)(43°C/W) = 125°C
To prevent the maximum junction temperature from being
exceeded, the input supply current must be checked
while operating in continuous conduction mode (MODE
= INTVCC) at maximum VIN.
When the voltage applied to EXTVCC rises above 4.7V
(typical), the VIN LDO is turned off and the EXTVCC LDO is
enabled. The EXTVCC LDO remains on as long as the volt-
age applied to EXTVCC remains above approximately 4.5V.
The EXTVCC LDO attempts to regulate the INTVCC voltage
to 5.1V, so while EXTVCC is less than 5.1V, the LDO is in
dropout and the INTVCC voltage is approximately equal
to EXTVCC. When EXTVCC is greater than 5.1V (up to an
absolute maximum of 30V), INTVCC is regulated to 5.1V.
Using the EXTVCC LDO allows the MOSFET driver and con-
trol power to be derived from one of the LTC7802-3.3’s
switching regulator outputs (4.8V ≤ VOUT ≤ 30V) during
normal operation and from the VIN LDO when the output
is out of regulation (e.g., start-up, short-circuit). If more
current is required through the EXTVCC LDO than is speci-
fied, an external Schottky diode can be added between the
EXTVCC and INTVCC pins. In this case, do not apply more
than 6V to the EXTVCC pin.
Significant efficiency and thermal gains can be realized
by powering INTVCC from an output, since the VIN cur-
rent resulting from the driver and control currents will be
scaled by a factor of VOUT/(VIN • Efficiency). For 5V to 30V
regulator outputs, this means connecting the EXTVCC pin
directly to VOUT. Tying the EXTVCC pin to an 8.5V supply
reduces the junction temperature in the previous example
from 125°C to:
TJ = 70°C + (35mA)(8.5V)(43°C/W) = 83°C
However, for 3.3V and other low voltage outputs, addi-
tional circuitry is required to derive INTVCC power from
the output.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com