Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 5Page - Analog Devices LTC7802 Datasheet HTML 6Page - Analog Devices LTC7802 Datasheet HTML 7Page - Analog Devices LTC7802 Datasheet HTML 8Page - Analog Devices LTC7802 Datasheet HTML 9Page - Analog Devices LTC7802 Datasheet HTML 10Page - Analog Devices LTC7802 Datasheet HTML 11Page - Analog Devices LTC7802 Datasheet HTML 12Page - Analog Devices LTC7802 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
LTC7802-3.3
9
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
SENSE1+, SENSE2+ (Pins 1,8): The Positive (+) Input
to the Differential Current Comparators. The ITH pin
voltage and controlled offsets between the SENSE– and
SENSE+ pins in conjunction with RSENSE set the current
trip threshold.
SENSE1–, SENSE2– (Pins 2,7): The Negative (–) Input
to the Differential Current Comparators. The SENSE2–
pin supplies current to its current comparator when it is
greater than INTVCC. When SENSE1– is 3.2V or greater,
it supplies the majority of the sleep mode quiescent cur-
rent instead of VIN, further reducing the input-referred
quiescent current.
FREQ (Pin 3): Frequency Control Pin for the Internal
Oscillator. Connect to ground to set the switching fre-
quency to 350kHz. Connect to INTVCC to set the switching
frequency to 2.25MHz. Frequencies between 100kHz and
3MHz can be programmed using a resistor between the
FREQ pin and ground. Minimize the capacitance on this pin.
MODE (Pin 4): Mode Select Input. This input, which acts
on both channels, determines how the LTC7802-3.3 oper-
ates at light loads. Pulling this pin to ground selects Burst
Mode operation. An internal 100k resistor to ground also
invokes Burst Mode operation when the pin is floating.
Tying this pin to INTVCC forces continuous inductor cur-
rent operation. Tying this pin to INTVCC through a 100k
resistor selects pulse-skipping operation.
RUN1, RUN2 (Pins 5,6): Run Control Inputs for Each
Controller. Forcing either of these pins below 1.1V disables
switching of the corresponding controller. Forcing both of
these pins below 0.7V shuts down the entire LTC7802-
3.3, reducing quiescent current to approximately 1.5µA.
These pins can be tied to VIN for always-on operation. Do
not float the RUN pins.
INTVCC (Pin 17): Output of the Internal 5.1V Low Dropout
Regulator. The driver and control circuits are powered by
this supply. Must be decoupled to ground with a minimum
of 4.7μF ceramic or tantalum capacitor.
EXTVCC (Pin 18): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VIN whenever
EXTVCC is higher than 4.7V. See INTVCC Regulators in the
Applications Information section. Do not exceed 30V on
this pin. Connect this pin to ground if the EXTVCC LDO
is not used.
VIN (Pin 19): Main Bias Input Supply Pin. A bypass capac-
itor should be tied between this pin and GND.
PLLIN/SPREAD (Pin 25): External Synchronization Input
and Spread Spectrum Selection. When an external clock
is applied to this pin, the phase-locked loop will force the
rising TG1 signal to be synchronized with the rising edge
of the external clock. When an external clock is present, the
regulators operate in pulse-skipping mode if it is selected
by the MODE pin, or in forced continuous mode otherwise.
When not synchronizing to an external clock, tie this input
to INTVCC to enable spread spectrum dithering of the oscil-
lator or to ground to disable spread spectrum.
BG1, BG2 (Pins 20,16): High Current Gate Drives for
Bottom (Synchronous) N-Channel MOSFETs. Voltage
swing at these pins is from ground to INTVCC.
BOOST1, BOOST2 (Pins 21,15): Bootstrapped Supplies to
the Top Side Floating Drivers. Connect capacitors between
the corresponding BOOST and SW pins for each channel.
Also connect Schottky diodes between the BOOST1 and
INTVCC pins and the BOOST2 and INTVCC pins. Voltage
swing at the BOOST pins is from INTVCC to (VIN + INTVCC).
SW1, SW2 (Pins 22,14): Switch Node Connections to
Inductors.
TG1, TG2 (Pins 23,13): High Current Gate Drives for Top
N Channel MOSFETs. These are the outputs of floating
drivers with a voltage swing of INTVCC superimposed on
the switch node voltage SW.
PGOOD1, PGOOD2 (Pins 24,12): Open-Drain Power
Good Outputs. The VOUT1, VFB2 pins are monitored to
ensure that VOUT1,2 are in regulation. When VOUT is not



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com