Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices LTC7802 Datasheet HTML 21Page - Analog Devices LTC7802 Datasheet HTML 22Page - Analog Devices LTC7802 Datasheet HTML 23Page - Analog Devices LTC7802 Datasheet HTML 24Page - Analog Devices LTC7802 Datasheet HTML 25Page - Analog Devices LTC7802 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
LTC7802-3.3
22
Rev. 0
For more information www.analog.com
Figure 7. During start-up VOUT will track VX according to
the ratio set by the resistor divider:
VX
VOUT
=
RA
RTRACKA
•
RTRACKA +RTRACKB
RA +RB
Set RTRACKA = RA and RTRACKB = RB for coincident track-
ing (VOUT = VX during start-up).
APPLICATIONS INFORMATION
Figure 5. Using the RUN Pins As a UVLD
Figure 6. Two Different Modes of Output Voltage Tracking
(b) Ratiometric Tracking
(a) Coincident Tracking
780233 F07a
VX(MASTER)
VOUT(SLAVE)
TIME
780233 F07b
VX(MASTER)
VOUT(SLAVE)
TIME
78033 F08
LTC7802-3.3
VFB
TRACK/SS1,2
RB
RA
VOUT
RTRACKB
RTRACKA
VX
780233 F06
1/2 LTC7802-3.3
RUN
R1
R2
VIN
Figure 7. Using the TRACK/SS Pin for Tracking
The current that flows through the R1-R2 divider directly
adds to the shutdown, sleep, and active current of the
LTC7802-3.3, and care should be taken to minimize the
impact of this current on the overall efficiency of the appli-
cation circuit. Resistor values in the MΩ range may be
required to keep the impact on quiescent shutdown and
sleep currents low.
Soft-Start and Tracking (TRACK/SS Pins)
The start-up of each VOUT is controlled by the voltage on
the TRACK/SS pin (TRACK/SS1 for channel 1, TRACK/SS2
for channel 2). When the voltage on the TRACK/SS pin
is less than the internal 0.8V reference, the LTC7802-3.3
regulates the negative input of the Error Amplifier (EA–)
to the voltage on the TRACK/SS pin instead of the internal
reference. The TRACK/SS pin can be used to program
an external soft-start function or to allow VOUT to track
another supply during start-up.
Soft-start is enabled by simply connecting a capacitor
from the TRACK/SS pin to ground. An internal 12.5μA cur-
rent source charges the capacitor, providing a linear ramp-
ing voltage at the TRACK/SS pin. The LTC7802-3.3 will
regulate VOUT proportional to the voltage on the TRACK/
SS pin, allowing VOUT to rise smoothly from 0V to its final
regulated value. For a desired soft-start time, tSS, select a
soft-start capacitor CSS = tSS • 15μF/sec.
Alternatively, the TRACK/SS pins can be used to track two
or more supplies during start-up, as shown qualitatively
in Figure 6a and Figure 6b. To do this, a resistor divider
should be connected from the master supply (VX) to the
TRACK/SS pin of the slave supply (VOUT), as shown in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com