Electronic Components Datasheet Search
  English  ▼

X  

LTC7802 Datasheet(PDF) 16 Page - Analog Devices

Part # LTC7802
Description  40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7802 Datasheet(HTML) 16 Page - Analog Devices

Back Button LTC7802 Datasheet HTML 12Page - Analog Devices LTC7802 Datasheet HTML 13Page - Analog Devices LTC7802 Datasheet HTML 14Page - Analog Devices LTC7802 Datasheet HTML 15Page - Analog Devices LTC7802 Datasheet HTML 16Page - Analog Devices LTC7802 Datasheet HTML 17Page - Analog Devices LTC7802 Datasheet HTML 18Page - Analog Devices LTC7802 Datasheet HTML 19Page - Analog Devices LTC7802 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
LTC7802-3.3
16
Rev. 0
For more information www.analog.com
impedance of the SENSE– pin changes depending on the
common mode voltage. When less than INTVCC – 0.5V,
these pins are relatively high impedance, drawing ≈ 1μA.
When above INTVCC + 0.5V, a higher current (≈650μA)
flows into each pin. Between INTVCC – 0.5V and INTVCC
+ 0.5V, the current transitions from the smaller current to
the higher current. Channel 1’s SENSE1– pin has an addi-
tional ≈ 50μA current when its voltage is above 3.2V to
bias internal circuitry from VOUT1 instead of VIN, thereby
reducing the input-referred supply current.
Filter components mutual to the sense lines should be
placed close to the LTC7802-3.3, and the sense lines
should run close together to a Kelvin connection under-
neath the current sense element (shown in Figure 1).
Sensing current elsewhere can effectively add parasitic
inductance and capacitance to the current sense ele-
ment, degrading the information at the sense terminals
and making the programmed current limit unpredictable.
If DCR sensing is used (Figure 2b), resistor R1 should be
placed close to the switching node, to prevent noise from
coupling into sensitive small signal nodes.
Using the maximum inductor current (IL(MAX)) and ripple
current (ΔIL) from the Inductor Value Calculation section,
the target sense resistor value is:
RSENSE(EQUIV) ≤
VSENSE(MAX)
IL(MAX)+
� IL
2
To ensure that the application will deliver full load cur-
rent over the full operating temperature range, choose
the minimum value for VSENSE(MAX) in the Electrical
Characteristics table.
To avoid potential jitter or instability due to PCB noise cou-
pling into the current sense signal, the AC current sensing
ripple of ΔVSENSE = ΔIL • RSENSE should also be checked
to ensure a good signal-to-noise ratio. In general, for a
reasonably good PCB layout, a target ΔVSENSE voltage of
10mV to 20mV at nominal input voltage is recommended
for both RSENSE and DCR sensing applications.
The parasitic inductance (ESL) of the sense resistor
introduces significant error in the current sense signal
for lower inductor value (<3μH) or higher current (>5A)
applications. This error is proportional to input voltage
and may degrade line regulation or cause loop instability.
An RC filter into the sense pins, as shown in Figure 2a, can
be used to compensate for this error. Set the RC filter time
constant RF • CF = ESL/RSENSE for optimal cancellation of
the ESL. In general, select CF to be in the range of 1nF to
10nF and calculate the corresponding RF. Surface mount
sense resistors in low ESL wide footprint geometries are
recommended to minimize this error. If not specified on
the manufacturer’s data sheet, the ESL can be approxi-
mated as 0.4nH for a resistor with a 1206 footprint and
0.2nH for a 1225 footprint.
Inductor DCR Current Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC7802-3.3 is capable of sens-
ing the voltage drop across the inductor DCR, as shown in
Figure 2b. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
APPLICATIONS INFORMATION
Low Value Resistor Current Sensing
A typical sensing circuit using a discrete resistor is shown
in Figure 2a. RSENSE is chosen based on the required out-
put current. Each controller’s current comparator has a
maximum threshold VSENSE(MAX) of 50mV. The current
comparator threshold voltage sets the peak inductor
current.
780233 F01
TO SENSE FILTER
NEXT TO THE CONTROLLER
INDUCTOR OR RSENSE
CURRENT FLOW
Figure 1. Sense Lines Placement with Inductor or
Sense Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com