Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
LTC7817
7
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step (Buck)
Burst Mode Operation
Load Step (Buck)
Forced Continuous Mode
Load Step (Buck)
Pulse-Skipping Mode
Inductor Current at Light Load
(Buck)
Soft Start-Up
Buck Regulated Feedback Voltage
vs Temperature
Efficiency and Power Loss
vs Output Current (Buck)
Efficiency and Power Loss
vs Output Current (Buck)
Efficiency vs Input Voltage (Buck)
VIN = 10V
VOUT = 5V
BURST EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FIGURE 10 CIRCUIT
FCM EFFICIENCY
BURST
LOSS
PULSE–SKIPPING
LOSS
FCM LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
vs Output Current (Buck)
Efficiency and Power Loss
7817 G01
VIN = 10V
VOUT = 5V
EFFICIENCY
POWER LOSS
fSW=380kHz (FIGURE 10)
fSW=2.25MHz (FIGURE 14)
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
40
50
60
70
80
90
100
0.0001
0.001
0.01
0.1
1
10
100
vs Output Current (Buck)
Efficiency and Power Loss
7817 G02
VIN = 10V
VOUT = 5V
ILOAD = 4A
fSW = 380kHz (FIGURE 10)
fSW = 2.25MHz (FIGURE 14)
INPUT VOLTAGE (V)
4
12
20
28
36
75
80
85
90
95
100
Efficiency vs Input Voltage (Buck)
7817 G03
Burst Mode Operation
Load Step (Buck)
VIN = 10V
VOUT = 5V
300mA TO 6A LOAD STEP
FIGURE 10 CIRCUIT
50µs/DIV
VOUT
200mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7817 G04
Pulse–Skipping Mode
Load Step (Buck)
VIN = 10V
VOUT = 5V
300mA TO 6A LOAD STEP
FIGURE 10 CIRCUIT
50µs/DIV
VOUT
200mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7817 G05
Forced Continuous Mode
Load Step (Buck)
VIN = 10V
VOUT = 5V
300mA TO 6A LOAD STEP
FIGURE 10 CIRCUIT
50µs/DIV
VOUT
200mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7817 G06
(Buck)
Inductor Current at Light Load
VIN = 10V
VOUT = 5V
NO LOAD
FIGURE 10 CIRCUIT
4µs/DIV
BURST MODE
OPERATION
2A/DIV
PULSE
SKIPPING
MODE
FORCED
CONTINUOUS
MODE
7817 G07
Soft Start–Up
RUN1,2
5V/DIV
VOUT1
1V/DIV
VOUT2
1V/DIV
VIN = 10V
FIGURE 10 CIRCUIT
1ms/DIV
7817 G08
TEMPERATURE (oC)
–55 –25
5
35
65
95
125 155
792
794
796
798
800
802
804
806
808
Voltage vs Temperature
Buck Regulated Feedback
7817 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com