Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
LTC7817
8
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Load Step (Boost)
Burst Mode Operation
Load Step (Boost)
Pulse-Skipping Mode
Load Step (Boost)
Forced Continuous Mode
Inductor Current at Light Load
(Boost)
Soft Start-Up (Boost)
Boost Regulated Feedback
Voltage vs Temperature
Efficiency and Power Loss
vs Output Current (Boost)
Efficiency
vs Output Current (Boost)
Efficiency vs Input Voltage (Boost)
VIN = 5V
VOUT = 10V
BURST EFFICIENCY
PULSE–SKIPPING
EFFICIENCY
FIGURE 10 CIRCUIT
FCM EFFICIENCY
BURST
LOSS
PULSE
SKIPPING
LOSS
FCM LOSS
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
100
vs Output Current (Boost)
Efficiency and Power Loss
7817 G10
FIGURE 10 CIRCUIT
BURST MODE OPERATION
VOUT = 10V
VIN = 8V
VIN = 5V
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
10
60
65
70
75
80
85
90
95
100
vs Output Current (Boost)
Efficiency
7817 G11
FIGURE 10 CIRCUIT
PULSE–SKIPPING MODE
VOUT = 10V
ILOAD = 4A
ILOAD = 2A
INPUT VOLTAGE (V)
0
2
4
6
8
10
84
86
88
90
92
94
96
98
100
Efficiency vs Input Voltage (Boost)
7817 G12
Burst Mode Operation
Load Step (Boost)
VIN = 5V
VOUT = 10V
300mA TO 3.3A LOAD STEP
FIGURE 10 CIRCUIT
100µs/DIV
VOUT3
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7817 G13
Pulse–Skipping Mode
Load Step (Boost)
VIN = 5V
VOUT = 10V
300mA TO 3.3A LOAD STEP
FIGURE 10 CIRCUIT
100µs/DIV
VOUT3
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7817 G14
Forced Continuous Mode
Load Step (Boost)
VIN = 5V
VOUT = 10V
300mA TO 3.3A LOAD STEP
FIGURE 10 CIRCUIT
100µs/DIV
VOUT3
500mV/DIV
INDUCTOR
CURRENT
5A/DIV
LOAD
CURRENT
5A/DIV
7817 G15
(Boost)
Inductor Current at Light Load
VIN = 5V
VOUT = 10V
NO LOAD
FIGURE 10 CIRCUIT
4µs/DIV
BURST MODE
OPERATION
5A/DIV
PULSE
SKIPPING
MODE
FORCED
CONTINUOUS
MODE
7817 G16
Soft Start–Up (Boost)
2ms/DIV
VOUT3
2V/DIV
RUN3
5V/DIV
GND
7817 G17
FIGURE 10 CIRCUIT
VIN = 5V
VIN = 5V
FIGURE 10 CIRCUIT
TEMPERATURE (oC)
–55 –25
5
35
65
95
125 155
1.183
1.186
1.189
1.192
1.195
1.198
1.201
1.204
1.207
Voltage vs Temperature
Boost Regulated Feedback
7817 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com