Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 1 Page - Analog Devices

  LTC7803 Datasheet HTML 1Page - Analog Devices LTC7803 Datasheet HTML 2Page - Analog Devices LTC7803 Datasheet HTML 3Page - Analog Devices LTC7803 Datasheet HTML 4Page - Analog Devices LTC7803 Datasheet HTML 5Page - Analog Devices LTC7803 Datasheet HTML 6Page - Analog Devices LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC7817
1
Rev 0
For more information www.analog.com
Document Feedback
DESCRIPTION
TYPICAL APPLICATION
40V, Low IQ, 3MHz,
Triple Output Buck/Buck/Boost Synchronous Controller
The LTC®7817 is a high performance triple output (buck/
buck/boost) synchronous DC/DC switching regulator con-
troller that drives all N-channel power MOSFET stages.
Its constant frequency current mode architecture allows
a phase-lockable switching frequency of up to 3MHz.
The LTC7817 operates from a wide 4.5V to 40V input
supply range. When biased from the output of the boost
converter or another auxiliary supply, the LTC7817 can
operate from an input supply as low as 1V after start-up.
The very low no-load quiescent current extends operating
run time in battery powered systems. OPTI-LOOP® com-
pensation allows the transient response to be optimized
over a wide range of output capacitance and ESR values.
The LTC7817 features a precision 0.8V reference for the
bucks, 1.2V reference for the boost and a power good
output indicator.
The LTC7817 synchronous boost Pass-Thru capability
minimizes losses in automotive start-stop applications.
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. Patents including 5481178, 5705919, 5929620, 6144194, 6177787, 6580258.
FEATURES
APPLICATIONS
n
Dual Buck Plus Single Boost Synchronous Controllers
n
Low Operating IQ:
14μA (14V to 3.3V, Channel 1 On)
n
Outputs Remain in Regulation Through Cold Crank
Down to 1V Input Supply Voltage
n
Wide Bias Input Voltage Range: 4.5V to 40V
n
Buck and Boost Output Voltages up to 40V
n
RSENSE or DCR Current Sensing
n
Pass-Thru™ Operation: 100% Duty Cycle for
Boost Synchronous MOSFET
n
Programmable Fixed Frequency (100kHz to 3MHz)
n
Phase-Lockable Frequency (100kHz to 3MHz)
n
Selectable Continuous, Pulse-Skipping, or Low
Ripple Burst Mode Operation at Light Loads
n
Very Low Buck Dropout Operation: 99% Duty Cycle
n
Low Shutdown IQ: 1.5μA
n
Small 38-Lead 5mm × 7mm QFN Package
n
AEC-Q100 Automotive Qualification in Process
n
Automotive and Transportation
n
Industrial
n
Military/Avionics
LTC7817 Response to a Cold
Crank Automotive Waveform
0.1µF
1.4µH
1.5m
0.1µF
0.1µF
0.9µH
2m
22µF
330µF
22µF
150µF
150µF
0.1µF
1.8µH
3m
357k
68.1k
7817 TA01a
10µF
330µF
210k
68.1k
4.7µF
1V TO 38V
STARTUP
ABOVE 5V
LTC7817
VBIAS
RUN1,2,3
SW3
BG3
TG3
BOOST3
SENSE3+
VFB3
ITH1,2,3
TRACK/SS1,2,3
SENSE3–
SW1
BG1
TG1
BOOST1
SENSE1+
VFB1
SENSE1–
VIN
3.3V
VOUT1
12A
VOUT3
REGULATED TO 10V WHEN VIN < 10V
SW2
BG2
TG2
BOOST2
SENSE2+
VFB2
SENSE2–
EXTVCC
VOUT2
5V
VOUT2
10A
INTVCC
BOOST1,2,3
FREQ
PLLIN/MODE
VPRG3
VOUT3
FOLLOWS VIN WHEN VIN > 10V
VOUT3
SGND
PGND
VOUT3
VOUT2
VOUT1
VBATT
TIME (10ms/DIV)
0V
VOLTAGE
2V/DIV
Automotive Waveform
LTC7818 Response to a Cold Crank
7817 TA01b


Similar Part No. - LTC7803

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
2Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
1Mb / 34P
40V Low IQ, 3MHz Dual, 2-Phase Synchronous Step-Down Controller with Spread Spectrum
LTC7803 AD-LTC7803 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
LTC7803 AD-LTC7803 Datasheet
1Mb / 36P
40V Low IQ, Triple Output, 3-Phase Synchronous Step-Down Controller
More results

Similar Description - LTC7803

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859AL LINER-LTC3859AL Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28關A Burst Mode IQ
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859A LINER-LTC3859A_15 Datasheet
548Kb / 44P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller with Improved Burst Mode Operation
LTC3859AL LINER-LTC3859AL_15 Datasheet
598Kb / 44P
Triple Output, Buck/Buck/Boost Synchronous Controller with 28A Burst Mode IQ
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7812 LINER-LTC7812 Datasheet
2Mb / 44P
Low IQ, 38V Synchronous BoostBuck Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
logo
Analog Devices
LTC7811 AD-LTC7811 Datasheet
2Mb / 42P
40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com