Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices LTC7803 Datasheet HTML 27Page - Analog Devices LTC7803 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
LTC7817
24
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
In some applications, it may be desirable to change light
load operating mode based on the conditions present in
the system. For example, if a system is inactive, one might
select high efficiency Burst Mode operation by keeping
the PLLIN/MODE pin set to 0V. When the system wakes,
one might send an external clock to PLLIN/MODE, or tie
PLLIN/MODE to INTVCC to switch to low noise forced con-
tinuous mode. Such on-the-fly mode changes can allow
an individual application to benefit from the advantages
of each light load operating mode.
Power MOSFET Selection
Two external power MOSFETs must be selected for each
controller in the LTC7817: one N-channel MOSFET for the
top switch (main switch for the buck, synchronous for the
boost), and one N-channel MOSFET for the bottom switch
(main switch for the boost, synchronous for the buck).
The peak-to-peak gate drive levels are set by the INTVCC
regulation point of 5.1V. Consequently, logic level thresh-
old MOSFETs must be used in most applications. Pay
close attention to the BVDSS specification for the MOSFETs
as well; many of the logic level MOSFETs are limited to
30V or less.
Selection criteria for the power MOSFETs include the on
resistance RDS(ON), Miller capacitance CMILLER, input volt-
age and maximum output current. Miller capacitance,
CMILLER, can be approximated from the gate charge
curve usually provided on the MOSFET manufacturers’
data sheet. CMILLER is equal to the increase in gate charge
along the horizontal axis while the curve is approximately
flat divided by the specified change in VDS. This result is
then multiplied by the ratio of the application applied VDS
to the gate charge curve specified VDS. When the IC is
operating in continuous mode the duty cycles for the top
and bottom MOSFETs are given by:
Buck Main Switch Duty Cycle =
VOUT
VIN
Buck Sync Switch Duty Cycle =
VIN � VOUT
VIN
Boost Main Switch Duty Cycle
=
VOUT � VIN
VOUT
Boost Sync Switch Duty Cycle
=
VIN
VOUT
For a buck converter, the MOSFET power dissipations at
maximum output current are given by:
PMAIN_BUCK =
VOUT
VIN
IOUT(MAX)
(
)
2
1
+ �
(
)RDS(ON) +
(VIN)
2 IOUT(MAX)
2
�
�
�
�
�
÷(RDR)(CMILLER) •
1
VINTVCC � VTHMIN
+
1
VTHMIN
�
�
�
�
�
�(f)
PSYNC_BUCK =
VIN � VOUT
VIN
IOUT(MAX)
(
)
2
1
+ �
(
)RDS(ON)
Similarly, for a boost converter:
PMAIN_BOOST =
VOUT � VIN
(
)VOUT
VIN
2
IOUT(MAX)
(
)
2
•
1
+ �
(
)RDS(ON) +
V
3
OUT
VIN
�
�
��
�
�
÷÷
IOUT(MAX)
2
�
�
�
�
�
֥
RDR
(
) CMILLER
(
) •
1
VINTVCC � VTHMIN
+
1
VTHMIN
�
�
�
�
�
�(f)
PSYNC_BOOST =
VOUT
VIN
IOUT(MAX)
(
)
2
1
+ �
(
)RDS(ON)
where
δ is the temperature dependency of RDS(ON)
(
δ ≈ 0.005/°C) and RDR is the effective driver resistance at



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com