Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 16Page - Analog Devices LTC7803 Datasheet HTML 17Page - Analog Devices LTC7803 Datasheet HTML 18Page - Analog Devices LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
LTC7817
20
Rev 0
For more information www.analog.com
7817 F02a
LTC7817
INTVCC
TG
BOOST
SW
BG
SENSE1,2+
(SENSE3–)
SENSE1, 2–
(SENSE3+)
VOUT1,2
(VIN3)
VIN1,2
(VOUT3)
L
ESL
CF
PLACE RF AND CF NEAR SENSE PINS
RSENSE
SENSE RESISTOR
WITH PARASITIC
INDUCTANCE
RF *CF = ESL/RSENSE
POLE-ZERO
CANCELLATION
RF
7817 F02b
LTC7817
INTVCC
BOOST
TG
SW
BG
SENSE1, 2+
(SENSE3–)
SENSE1, 2–
(SENSE3+)
GND
VIN1,2
(VOUT3)
VOUT1,2
(VIN3)
C1*
R2
*PLACE C1 NEAR SENSE PINS
RSENSE(EQ) = DCR(R2/(R1+R2))
L
DCR
INDUCTOR
R1
(R1||R2) • C1 = L/DCR
2b. Using the Inductor DCR to Sense Current
2a. Using a Resistor to Sense Current
Figure 2. Current Sensing Methods
To ensure that the application will deliver full load cur-
rent over the full operating temperature range, choose
the minimum value for VSENSE(MAX) in the Electrical
Characteristics table.
To avoid potential jitter or instability due to PCB noise cou-
pling into the current sense signal, the AC current sensing
ripple of ΔVSENSE = ΔIL • RSENSE should also be checked
to ensure a good signal-to-noise ratio. In general, for a
reasonably good PCB layout, a target ΔVSENSE voltage of
10mV to 20mV at nominal input voltage for the bucks or
at 50% duty cycle for the boost is recommended for both
RSENSE and DCR sensing applications.
The parasitic inductance (ESL) of the sense resistor
introduces significant error in the current sense signal
for lower inductor value (<3uH) or higher current (>5A)
applications. For a buck converter, this error is propor-
tional to the input voltage and may degrade line regulation
or cause loop instability. An RC filter into the sense pins,
as shown in Figure 2a, can be used to compensate for
this error. Set the RC filter time constant RF • CF = ESL/
RSENSE for optimal cancellation of the ESL. In general,
select CF to be in the range of 1nF to 10nF and calculate
the corresponding RF. Surface mount sense resistors in
low ESL wide footprint geometries are recommended to
minimize this error. If not specified on the manufacturer's
data sheet, the ESL can be approximated as 0.4nH for
a resistor with a 1206 footprint and 0.2nH for a 1225
footprint.
Inductor DCR Current Sensing
For applications requiring the highest possible efficiency
at high load currents, the LTC7817 is capable of sensing
the voltage drop across the inductor DCR, as shown in
Figure 2b. The DCR of the inductor represents the small
amount of DC winding resistance of the copper, which
can be less than 1mΩ for today’s low value, high current
inductors. In a high current application requiring such
an inductor, power loss through a sense resistor would
cost several points of efficiency compared to inductor
DCR sensing.
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com