Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 7Page - Analog Devices LTC7803 Datasheet HTML 8Page - Analog Devices LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices LTC7803 Datasheet HTML 14Page - Analog Devices LTC7803 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LTC7817
11
Rev 0
For more information www.analog.com
PIN FUNCTIONS
FREQ (Pin 1): Frequency Control Pin for the Internal
Oscillator. Connect to ground to set the switching fre-
quency to 380KHz. Connect to INTVCC to set the switch-
ing frequency to 2.25MHz. Frequencies between 100kHz
and 3MHz can be programmed using a resistor between
the FREQ pin and ground. Minimize the capacitance on
this pin.
PLLIN/MODE (Pin 2): External Synchronization Input and
Mode Select Input. When an external clock is applied to
this pin, the phase-locked loop forces the rising TG1 sig-
nal to be synchronized with the rising edge of the external
clock, and the regulators operate in forced continuous
mode. When not synchronizing to an external clock, this
input, which acts on all three channels, determines how
the LTC7817 operates at light loads. Pulling this pin to
ground selects Burst Mode operation. An internal 100k
resistor to ground also invokes Burst Mode operation
when the pin is floating. Tying this pin to INTVCC forces
continuous inductor current operation. Tying this pin to
INTVCC through a 100k resistor selects pulse-skipping
operation.
SGND (Pin 8): Small Signal Ground common to all three
controllers, must be routed separately from high current
grounds to the common (-) terminals of the CINcapacitors.
RUN1, RUN2, RUN3 (Pins 9, 10, 11): Run Control Inputs
for Each Controller. Forcing any of these pins below
1.1V disables switching of the corresponding controller.
Forcing all of these pins below 0.7V shuts down the entire
LTC7817, reducing the quiescent current to approximately
1.5µA. These pins can be tied to VIN or VBIAS for always-
on operation.
VPRG3 (Pin 17): Boost Output Voltage Programming Pin.
This pin sets the boost channel to adjustable output volt-
age or to a fixed output voltage. Floating this pin allows
the boost channel output to be programmed through the
VFB3 pin using external resistors, regulating VFB3 to the
1.2V reference. Connecting this pin to GND or INTVCC
programs the boost channel output to 8V or 10V (respec-
tively), with VFB3 directly connected to the output.
INTVCC (Pin 22): Output of the Internal 5.1V Low Dropout
Regulator. The driver and control circuits are powered by
this supply. Must be decoupled to ground with a minimum
of 4.7μF ceramic or tantalum capacitor.
EXTVCC (Pin 23): External Power Input to an Internal LDO
Connected to INTVCC. This LDO supplies INTVCC power,
bypassing the internal LDO powered from VBIAS whenever
EXTVCC is higher than 4.7V. See INTVCC Regulators in the
Applications Information section. Do not exceed 30V on
this pin. Connect this pin to ground if the EXTVCC LDO
is not used.
VBIAS (Pin 24): Main Bias Input Supply Pin. A bypass
capacitor should be tied between this pin and ground.
BG1, BG2, BG3 (Pins 29, 21, 25): High Current Gate
Drives for Bottom N-Channel MOSFETs. Voltage swing at
these pins is from ground to INTVCC.
BOOST1, BOOST2, BOOST3 (Pins 30, 20, 26):
Bootstrapped Supplies to the Top Side Floating Drivers.
Connect capacitors between the corresponding BOOST
and SW pins for each channel. Also connect Schottky
diodes between the BOOST1 and INTVCC pins, the
BOOST2 and INTVCC pins, and the BOOST3 and INTVCC
pins. Voltage swing at the BOOST1, 2 pins is from INTVCC
to (VIN+INTVCC). Voltage swing at the BOOST3 pin is from
INTVCC to (VOUT3 + INTVCC).
SW1, SW2, SW3 (Pins 31, 19, 28): Switch Node
Connections to Inductors.
TG1, TG2, TG3 (Pins 32, 18, 27): High Current Gate
Drives for Top N-Channel MOSFETs. These are the out-
puts of floating drivers with a voltage swing of INTVCC
superimposed on the switch node voltage SW.
PGOOD1 (Pin 33): Open-Drain Power Good Output. The
VFB1 pin is monitored to ensure that VOUT1 is in regulation.
When VOUT1 is not within ±10% of its regulation point,
the PGOOD1 pin is pulled low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com