Electronic Components Datasheet Search
  English  ▼

X  

LTC7803 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7803
Description  40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 18Page - Analog Devices LTC7803 Datasheet HTML 19Page - Analog Devices LTC7803 Datasheet HTML 20Page - Analog Devices LTC7803 Datasheet HTML 21Page - Analog Devices LTC7803 Datasheet HTML 22Page - Analog Devices LTC7803 Datasheet HTML 23Page - Analog Devices LTC7803 Datasheet HTML 24Page - Analog Devices LTC7803 Datasheet HTML 25Page - Analog Devices LTC7803 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
LTC7817
22
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
A further constraint on the operating frequency is due
to the maximum duty cycle of the boost channel. The
maximum duty cycle, which can be approximated as
DCMAX ≈ (1-VIN(MIN)/VOUT3)*100%, is limited as shown
in Figure 3a. At low frequencies, the output will dropout
if the required duty cycle is higher than 93%. At high
frequencies, the maximum duty cycle available to main-
tain constant frequency operation is reduced further. In
this region, if a higher duty cycle is required to keep the
output voltage in regulation, the controller will skip the
top MOSFET (TG3) turn-on and keep the bottom MOSFET
(BG3) on for more than one clock cycle to achieve the
higher duty cycle at an effectively lower frequency. Choose
a frequency that limits the maximum duty cycle to a value
lower than the curve shown in Figure 3a. The switching
frequency is set using the FREQ and PLLIN/MODE pins
as shown in Table 1.
Table 1.
FREQ PIN
PLLIN/MODE PIN
FREQUENCY
0V
DC Voltage
380kHz
INTVCC
DC Voltage
2.25MHz
Resistor to GND
DC Voltage
100kHz to 3MHz
Any of the Above
External Clock
100kHz to 3MHz
Phase-Locked to
External Clock
Tying the FREQ pin to ground selects 380kHz while
tying FREQ to INTVCC selects 2.25MHz. Placing a resis-
tor between FREQ and ground allows the frequency to
be programmed anywhere between 100kHz and 3MHz.
Choose a FREQ pin resistor from Figure 3b or the follow-
ing equation:
RFREQ(in k� )=
37MHz
fOSC
Figure 3. Setting the Operating Frequency
FREQ PIN RESISTOR (Ohms)
10k
100k
500k
100k
1M
10M
7817 F03b
77.5% at 2.25MHz
FREQUENCY (Hz)
100k
1M
3M
65
70
75
80
85
90
95
100
7817 F03a
3a. Relationship Between Oscillator Frequency
and Boost Channel Maximum Duty Cycle
3b. Relationship Between Oscillator Frequency
and Resistor Value at the FREQ Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com