Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 4 Page - Texas Instruments

  HD3SS213 Datasheet HTML 1Page - Texas Instruments HD3SS213 Datasheet HTML 2Page - Texas Instruments HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Table 5-1. Pin Functions (continued)
PIN
TYPE(1)
DESCRIPTION(2)
NO.
NAME
NA
CADA/B/C
I/O
Port A/B/C cable activity detect
B4,
A4
DA0(p),
DA0(n)
I/O
Port A, Channel 0, High speed positive signal
Port A, Channel 0, High speed negative signal
B5,
A5
DA1(p),
DA1(n)
I/O
Port A, Channel 1, High speed positive signal
Port A, Channel 1, High speed negative signal
B6,
A6
DA2(p),
DA2(n)
I/O
Port A, Channel 2, High speed positive signal
Port A, Channel 2, High speed negative signal
A8,
A9
DA3(p),
DA3(n)
I/O
Port A, Channel 3, High speed positive signal
Port A, Channel 3, High speed negative signal
B8,
B9
DB0(p),
DB0(n)
I/O
Port B, Channel 0, High speed positive signal
Port B, Channel 0, High speed negative signal
D8,
D9
DB1(p),
DB1(n)
I/O
Port B, Channel 1, High speed positive signal
Port B, Channel 1, High speed negative signal
E8,
E9
DB2(p),
DB2(n)
I/O
Port B, Channel 2, High speed positive signal
Port B, Channel 2, High speed negative signal
F8,
F9
DB3(p),
DB3(n)
I/O
Port B, Channel 3, High speed positive signal
Port B, Channel 3, High speed negative signal
B2,
B1
DC0(p),
DC0(n)
I/O
Port C, Channel 0, High speed positive signal
Port C, Channel 0, High speed negative signal
D2,
D1
DC1(p),
DC1(n)
I/O
Port C, Channel 1, High speed positive signal
Port C, Channel 1, High speed negative signal
E2,
E1
DC2(p),
DC2(n)
I/O
Port C, Channel 2, High speed positive signal
Port C, Channel 2, High speed negative signal
F2,
F1
DC3(p),
DC3(n)
I/O
Port C, Channel 3, High speed positive signal
Port C, Channel 3, High speed negative signal
H8,
J8
DDCCLK_A,
DDCDAT_A
I/O
Port A DDC clock signal
Port A DDC data signal
H5,
J5
DDCCLK_B,
DDCDAT_B
I/O
Port B DDC clock signal
Port B DDC data signal
J3,
J7
DDCCLK_C,
DDCDAT_C
I/O
Port C DDC clock signal
Port C DDC data signal
A1
Dx_SEL
I
High speed port selection control pins
B3, C8, G2,
G8, H4, H7
GND
S
Ground
J2
HPDA
I/O
Port A hot plug detect
H3
HPDB
I/O
Port B hot plug detect
J1
HPDC
I/O
Port C hot plug detect
B7
OE
I
Output enable:
OE = VIH: Normal operation
OE = VIL: Standby mode
A2,
J4
VDD
S
3.3-V positive power supply voltage
(1)
I = Input, O = Output, S = Supply
(2)
The high speed data ports incorporate 20-kΩ pulldown resistors that are switched in when a port is not selected and switched out
when the port is selected.
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com