Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 1 Page - Texas Instruments

  HD3SS213 Datasheet HTML 1Page - Texas Instruments HD3SS213 Datasheet HTML 2Page - Texas Instruments HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
1 Features
• Compatible with DisplayPort 1.2 electrical standard
• 2:1 and 1:2 switching supporting data rates up to
5.4 Gbps
• Supports HPD switching
• Supports AUX and DDC switching
• Wide –3-dB differential BW of over 5.4 GHz
• Excellent dynamic characteristics (at 2.7 GHz):
– Crosstalk = –50 dB
– Isolation = –25 dB
– Insertion loss = –1.5 dB
– Return loss = –13 dB
– Maximum bit-bit skew = 5 ps
• VDD Operating range: 3.3 V ±10%
• Package Options:
– 5 mm × 5 mm, 50-Pin nFBGA
• Output enable (OE) pin disables switch to save
power
• HD3SS213 < 10 mW (standby < 30 µW
when OE = L)
2 Applications
• PC & notebooks
• Tablets
• Connected peripherals & printers
3 Description
The HD3SS213 device is a high-speed passive switch
capable of switching two full DisplayPort 4 lane ports
from one of two sources to one target location in an
application. It also switches one source to one of two
sinks. For DisplayPort applications, the HD3SS213
supports switching of the Auxiliary (AUX), Display
Data Channel (DDC), and Hot Plug Detect (HPD)
signals in the ZEQ package.
One typical application is a mother board that includes
two GPUs that need to drive one DisplayPort sink.
The GPU is selected by the Dx_SEL pin. Another
application is when one source needs to switch
between one of two sinks which the example is a side
connector and a docking station connector. The
switching is controlled using the Dx_SEL and
AUX_SEL pins. The HD3SS213 operates from a
single supply voltage of 3.3 V over the full industrial
temperature range of –40°C to 105°C.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
HD3SS213
nFBGA (50)
5.00 mm x 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the datasheet.
Source A
Source B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DP Sink
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
DP Sink A
DP Sink B
HPDB
DAx(p)
HPDA
DAx(n)
HPDC
AUXAx
DDCA
DDCB
AUXCx
AUXBx
DCx(p)
DCx(n)
DP Source
DBx(p)
DBx(n)
Control
AUX_SEL
Dx_SEL
DDCC
OE
HD3SS213 2:1
HD3SS213 1:2
Copyright © 2016, Texas Instruments Incorporated
HD3SS213 Application Block Diagram
www.ti.com
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: HD3SS213
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - HD3SS213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
HD3SS213 TI1-HD3SS213 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213IZQET TI1-HD3SS213IZQET Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
More results

Similar Description - HD3SS213

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75DP128 TI-SN75DP128 Datasheet
674Kb / 25P
DisplayPort 1:2 Switch
SN75DP128A TI-SN75DP128A Datasheet
739Kb / 26P
DisplayPort 1:2 Switch
HD3SS213ZQER TI1-HD3SS213ZQER Datasheet
257Kb / 14P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS213 TI1-HD3SS213_14 Datasheet
258Kb / 15P
5.4Gbps DisplayPort 1.2a 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215_15 Datasheet
1Mb / 31P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI1-HD3SS214_16 Datasheet
1Mb / 25P
8.1 Gbps DisplayPort 1.3 2:1/1:2 Differential Switch
HD3SS215 TI1-HD3SS215 Datasheet
1Mb / 32P
6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
HD3SS214 TI-HD3SS214_V01 Datasheet
1Mb / 32P
HD3SS214 8.1 Gbps DisplayPort 1.4 2:1/1:2 Differential Switch
HD3SS215 TI-HD3SS215_V01 Datasheet
2Mb / 39P
HD3SS215 6.0 Gbps HDMI DisplayPort 2:1/1:2 Differential Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com