Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 9 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments HD3SS213 Datasheet HTML 11Page - Texas Instruments HD3SS213 Datasheet HTML 12Page - Texas Instruments HD3SS213 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
6.7 Typical Characteristics
–40
–20
0
20
40
60
80
100
120
Temperature (ºC)
0.0105
0.011
0.0115
0.012
0.0125
0.013
0.0135
0.014
0.0145
V = 3.6 V; AUXc to AUXa
V = 3.0 V; AUXc to AUXa
V = 3.6 V; AUXc to AUXb
V = 3.0 V; AUXc to AUXb
Figure 6-3. DxSEL to Switch Toff
–40
–20
0
20
40
60
80
100
120
Temperature (ºC)
6.4
6.6
6.8
7
7.2
7.4
7.6
7.8
# 10
-3
V = 3.6 V; AUXc to AUXa
V = 3.0 V; AUXc to AUXa
V = 3.6 V; AUXc to AUXb
V = 3.0 V; AUXc to AUXb
Figure 6-4. DxSEL to Switch Ton
–40
–20
0
20
40
60
80
100
120
Temperature (ºC)
0.0095
0.01
0.0105
0.011
0.0115
0.012
0.0125
0.013
0.0135
V = 3.6 V; AUXc to AUXa
V = 3.0 V; AUXc to AUXa
V = 3.6 V; AUXc to AUXb
V = 3.0 V; AUXc to AUXb
Figure 6-5. OUTEN to Switch Toff
–40
–20
0
20
40
60
80
100
120
Temperature (ºC)
0.18
0.2
0.22
0.24
0.26
0.28
0.3
V = 3.6 V; AUXc to AUXa
V = 3.0 V; AUXc to AUXa
V = 3.6 V; AUXc to AUXb
V = 3.0 V; AUXc to AUXb
Figure 6-6. OUTEN to Switch Ton
www.ti.com
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com