Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 3 Page - Texas Instruments

  HD3SS213 Datasheet HTML 1Page - Texas Instruments HD3SS213 Datasheet HTML 2Page - Texas Instruments HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Pin Configuration and Functions
1
2
3
4
5
6
7
8
9
A
Dx_SEL
VDD
DA0(n)
DA1(n)
DA2(n)
DA3(p)
DA3(n)
B
DC0(n)
DC0(p)
GND
DA0(p)
DA1(p)
DA2(p)
OE
DB0(p)
DB0(n)
C
AUX_SEL
GND
D
DC1(n)
DC1(p)
DB1(p)
DB1(n)
E
DC2(n)
DC2(p)
DB2(p)
DB2(n)
F
DC3(n)
DC3(p)
DB3(p)
DB3(n)
G
GND
GND
H
AUXC(n)
AUXC(p)
HPDB
GND
DDCCLK_B
AUXB(p)
GND
DDCCLK_A
AUXA(p)
J
HPDC
HPDA
DDCCLK_C
VDD
DDCDAT_B
AUXB(n)
DDCDAT_C DDCDAT_A
AUXA(n)
nFBGA 50-Pin ZXH Package Top View
Table 5-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION(2)
NO.
NAME
H9,
J9
AUXA(p),
AUXA(n)
I/O
Port A AUX positive signal
Port A AUX negative signal
H6,
J6
AUXB(p),
AUXB(n)
I/O
Port B AUX positive signal
Port B AUX negative signal
H2,
H1
AUXC(p),
AUXC(n)
I/O
Port C AUX positive signal
Port C AUX negative signal
C2
AUX_SEL
I
AUX/DDC selection control pin in conjunction with Dx_SEL Pin
www.ti.com
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com