Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 12 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments HD3SS213 Datasheet HTML 11Page - Texas Instruments HD3SS213 Datasheet HTML 12Page - Texas Instruments HD3SS213 Datasheet HTML 13Page - Texas Instruments HD3SS213 Datasheet HTML 14Page - Texas Instruments HD3SS213 Datasheet HTML 15Page - Texas Instruments HD3SS213 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and TI
does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
8.1 Application Information
Many interfaces require AC coupling between the source and sink. The 0402 capacitors are the preferred option
to provide AC coupling, and the 0603 size capacitors also work. The 0805 size capacitors and C-packs must be
avoided. When placing AC coupling capacitors symmetric placement is best. A capacitor value of 0.1 µF is best
and the value must be match for the ± signal pair. There are several placement options for the AC coupling
capacitors. Because the switch requires a bias voltage, the capacitors must only be placed on one side of the
switch. If they are placed on both sides of the switch, a biasing voltage must be provided. A few placement
options are shown below.
In Figure 8-1, the coupling capacitors are placed on the source pair. In this situation, the switch is biased by the
sink.
GPU/
Source A
GPU/
Source B
DAx(p)
DAx(n)
DBx(p)
DBx(n)
DCx(p)
DCx(n)
Control
HD3SS213
Dx_SEL
AUX_SEL
Sink
Copyright © 2016, Texas Instruments Incorporated
Figure 8-1. Source Biased by the Sink
In Figure 8-2, the coupling capacitors are placed between the switch and Sink. In this situation, the switch is
biased by the Source
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com