Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 6 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 2Page - Texas Instruments HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
Typical values for all parameters are at VCC = 3.3 V and TA = 25°C (unless otherwise noted). All temperature limits are
specified by design.
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
Ioff
Device shut down current
VDD = 3.6 V, OE = GND
2.5
µA
IDD
Supply current
VDD = 3.6 V,
Dx_SEL or AUX_SEL = VDD or GND
0.6
1
mA
DA, DB, DC HIGH SPEED SIGNAL PATH
CON
Outputs ON capacitance
VI = 0 V, outputs open, switch ON
1.5
pF
COFF
Outputs OFF capacitance
VI = 0 V, outputs open, switch OFF
1
pF
RON
ON resistance
VDD = 3.3 V, VCM = 0.5 V to 1.5 V,
IO = –40 mA
8
12
Ω
ΔRON
ON resistance match between
pairs of the same channel
VDD = 3.3 V, 0.5 V ≤ VI ≤ 1.2V,
IO = –40 mA
1.5
Ω
RFLAT_ON
ON resistance flatness,
RON(max) – RON(min)
VDD = 3.3 V, 0.5 V ≤ VI ≤ 1.2 V
1.3
Ω
AUXx, DDC SIGNAL PATH
CON
Outputs ON capacitance
VI = 0 V, outputs open, switch ON
9
pF
COFF
Outputs OFF capacitance
VI = 0 V, outputs open, switch OFF
3
pF
RON(AUX) ON resistance
VDD = 3.3 V, VCM = 0 V – VDD, IO = –8 mA
6
10
Ω
RON(DDC) ON resistance on DDC channel VDD = 3.3 V, VCM = 0.4 V, IO = –3 mA
20
30
Ω
6.4 Thermal Information
THERMAL METRIC
HD3SS213
UNIT
nFBGA (ZXH)
50 PIN
RθJA
Junction-to-ambient thermal resistance
72.9
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
35.9
°C/W
RθJB
Junction-to-board thermal resistance
43.1
°C/W
ψJT
Junction-to-top characterization parameter
1.6
°C/W
ψJB
Junction-to-board characterization parameter
42.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
—
°C/W
6.5 Electrical Characteristics
over recommended operating conditions; RL and RSC = 50 Ω (unless otherwise noted)(1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL
Dx differential return loss
1.35 GHz
–17
dB
2.7 GHz
–13
XTALK
Dx differential crosstalk
2.7 GHz
–50
dB
OIRR
Dx differential off-isolation
2.7 GHz
–25
dB
IL
Dx differential insertion loss
f = 1.35 GHz
–1
dB
f = 2.7 GHz
–1.5
AUX –3-dB bandwidth
360
MHz
(1)
For return loss, crosstalk, off-isolation, and insertion loss values, the data was collected on a Rogers material board with minimum
length traces on the input and output of the device under test.
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
www.ti.com
6
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com