Electronic Components Datasheet Search
  English  ▼

X  

HD3SS213 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # HD3SS213
Description  HD3SS213 5.4-Gbps DisplayPort 1.2a 2:1 and 1:2 Differential Switch
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

HD3SS213 Datasheet(HTML) 7 Page - Texas Instruments

Back Button HD3SS213 Datasheet HTML 3Page - Texas Instruments HD3SS213 Datasheet HTML 4Page - Texas Instruments HD3SS213 Datasheet HTML 5Page - Texas Instruments HD3SS213 Datasheet HTML 6Page - Texas Instruments HD3SS213 Datasheet HTML 7Page - Texas Instruments HD3SS213 Datasheet HTML 8Page - Texas Instruments HD3SS213 Datasheet HTML 9Page - Texas Instruments HD3SS213 Datasheet HTML 10Page - Texas Instruments HD3SS213 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
6.6 Timing Requirements
over recommended operating conditions; RL and RSC = 50 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPD
Switch propagation delay
RSC and RL = 50 Ω, see Figure 6-2
100
ps
Ton
Dx_SEL/AUX_SEL-to-switch Ton
(Data, AUX and DDC)
RSC and RL = 50 Ω, see Figure 6-1
0.7
1
µs
Toff
Dx_SEL/AUX_SEL-to-switch Toff
(Data, AUX and DDC)
RSC and RL = 50 Ω, see Figure 6-1
0.7
1
µs
Ton
Dx_SEL/AUX_SEL-to-switch Ton (HPD)
RL = 50 Ω, see Figure 6-1
0.7
1
µs
Toff
Dx_SEL/AUX_SEL-to-switch Toff (HPD)
RL = 50 Ω, see Figure 6-1
0.7
1
µs
TSK(O)
Inter-pair output skew (CH-CH)
RSC and RL = 1 kΩ, see Figure 6-2
50
ps
TSK(b-b)
Intra-pair output skew (bit-bit)
RSC and RL = 1 kΩ, see Figure 6-2
1
5
ps
Dx_SEL
VOUT
90%
10%
50%
Ton
Toff
Figure 6-1. Select to Switch Ton and Toff
www.ti.com
HD3SS213
SLAS901C – DECEMBER 2016 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: HD3SS213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com