Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 1 Page - Texas Instruments

  INA237 Datasheet HTML 1Page - Texas Instruments INA237 Datasheet HTML 2Page - Texas Instruments INA237 Datasheet HTML 3Page - Texas Instruments INA237 Datasheet HTML 4Page - Texas Instruments INA237 Datasheet HTML 5Page - Texas Instruments INA237 Datasheet HTML 6Page - Texas Instruments INA237 Datasheet HTML 7Page - Texas Instruments INA237 Datasheet HTML 8Page - Texas Instruments INA237 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
1 Features
• High-resolution, 16-bit delta-sigma ADC
• Current monitoring accuracy:
– Offset voltage: ±50 µV (maximum)
– Offset drift: ±0.02 µV/°C (maximum)
– Gain error: ±0.3% (maximum)
– Gain error drift: ±50 ppm/°C (maximum)
– Common mode rejection: 120 dB (minimum)
• Power monitoring accuracy:
– 1.6% full scale, –40°C to +125°C (maximum)
• Fast alert response: 75 μs
• Wide common-mode range: –0.3 V to +85 V
• Bus voltage sense input: 0 V to 85 V
• Shunt full-scale differential range:
±163.84 mV / ±40.96 mV
• Input bias current: 2.5 nA (maximum)
• Temperature sensor: ±1°C (maximum at 25°C)
• Programmable conversion time and averaging
• 2.94-MHz high-speed I2C interface with 16 pin-
selectable addresses
• Operates from a 2.7-V to 5.5-V supply:
– Operational current: 640 µA (typical)
– Shutdown current: 5 µA (maximum)
2 Applications
• DC/DC converters and power inverters
• Industrial battery packs
• Power-over-ethernet (PoE)
• Telecom equipment
• Enterprise servers
3 Description
The INA237 is an ultra-precise digital power monitor
with a 16-bit delta-sigma ADC specifically designed
for current-sensing applications. The device can
measure a full-scale differential input of ±163.84 mV
or ±40.96 mV across a resistive shunt sense element
with common-mode voltage support from –0.3 V to
+85 V.
The INA237 reports current, bus voltage, temperature,
and power, all while performing the needed
calculations in the background. The integrated
temperature sensor is ±1°C accurate for die
temperature measurement and is useful in monitoring
the system ambient temperature.
The low offset and gain drift design of the INA237
allows the device to be used in precise systems that
do not undergo multi-temperature calibration during
manufacturing. Further, the very low offset voltage
and noise allow for use in A to kA sensing
applications and provide a wide dynamic range
without significant power dissipation losses on the
sensing shunt element. The low input bias current of
the device permits the use of larger current-sense
resistors,
thus
providing
accurate
current
measurements in the micro-amp range.
The device allows for selectable ADC conversion
times from 50 µs to 4.12 ms as well as sample
averaging from 1x to 1024x, which further helps
reduce the noise of the measured data.
Device Information (1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
INA237
VSSOP (10)
3.00 mm × 3.00 mm
(1)
For all available packages, see the package option
addendum at the end of the data sheet.
Oscillator
Voltage
Current
Power
Temp
+
±
SCL
SDA
A0
A1
VS
Power
GND
ALERT
IN+
IN-
VBUS
I
2C
16 Bit
ADC
Reference
Out-of-range
Threshold
MUX
Simplified Block Diagram
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
1
Product Folder Links: INA237
INA237
SBOSA20 – FEBRUARY 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - INA237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237 TI-INA237 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA237-Q1 TI-INA237-Q1 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA237-Q1 TI-INA237-Q1_V01 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA237AQDGSRQ1 TI-INA237AQDGSRQ1 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
More results

Similar Description - INA237

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA237-Q1 TI1-INA237-Q1 Datasheet
804Kb / 33P
INA237-Q1 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA238-Q1 TI1-INA238-Q1 Datasheet
804Kb / 33P
INA238-Q1 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA228 TI-INA228 Datasheet
2Mb / 48P
INA228 85-V, 20-Bit, Ultra-Precise Power/Energy/Charge Monitor With I2C Interface
INA238 TI-INA238 Datasheet
2Mb / 49P
INA238 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA239 TI-INA239 Datasheet
2Mb / 44P
INA239 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA237-Q1 TI-INA237-Q1_V01 Datasheet
2Mb / 48P
INA237-Q1 AEC-Q100, 85-V, 16-Bit, Precision Power Monitor With I2C Interface
INA238-Q1 TI-INA238-Q1_V01 Datasheet
2Mb / 48P
INA238-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With I2C Interface
INA239-Q1 TI-INA239-Q1_V01 Datasheet
2Mb / 47P
INA239-Q1 AEC-Q100, 85-V, 16-Bit, High-Precision Power Monitor With SPI Interface
INA740A TI1-INA740A Datasheet
1Mb / 41P
INA740x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
INA780A TI1-INA780A Datasheet
1Mb / 42P
INA780x 85 V, 16-Bit, Precision I2C Output Digital Power Monitor with EZShunt™ Technology
JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com