Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA237 Datasheet HTML 8Page - Texas Instruments INA237 Datasheet HTML 9Page - Texas Instruments INA237 Datasheet HTML 10Page - Texas Instruments INA237 Datasheet HTML 11Page - Texas Instruments INA237 Datasheet HTML 12Page - Texas Instruments INA237 Datasheet HTML 13Page - Texas Instruments INA237 Datasheet HTML 14Page - Texas Instruments INA237 Datasheet HTML 15Page - Texas Instruments INA237 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
7 Detailed Description
7.1 Overview
The INA237 device is a digital current sense amplifier with an I2C digital interface. It measures shunt voltage,
bus voltage and internal temperature while calculating current, power necessary for accurate decision making in
precisely controlled systems. Programmable registers allow flexible configuration for measurement precision as
well as continuous or triggered operation. Detailed register information is found in Section 7.6.
7.2 Functional Block Diagram
Oscillator
Voltage
Current
Power
Temp
+
±
SCL
SDA
A0
A1
VS
Power
GND
ALERT
IN+
IN-
VBUS
I
2C
16 Bit
ADC
Reference
Out-of-range
Threshold
MUX
7.3 Feature Description
7.3.1 Versatile High Voltage Measurement Capability
The INA237 operates off a 2.7 V to 5.5 V supply but can measure voltage and current on rails as high as 85 V.
The current is measured by sensing the voltage drop across a external shunt resistor at the IN+ and IN– pins.
The input stage of the INA237 is designed such that the input common-mode voltage can be higher than the
device supply voltage, VS. The supported common-mode voltage range at the input pins is –0.3 V to +85 V,
which makes the device well suited for both high-side and low-side current measurements. There are no special
considerations for power-supply sequencing because the common-mode input range and device supply voltage
are independent of each other; therefore, the bus voltage can be present with the supply voltage off, and vice-
versa without damaging the device.
The device also measures the bus supply voltage through the VBUS pin and temperature through the integrated
temperature sensor. The differential shunt voltage is measured between the IN+ and IN– pins, while the bus
voltage is measured with respect to device ground. Monitored bus voltages can range from 0 V to 85 V, while
monitored temperatures can range from -40 ºC to +125 ºC.
Shunt voltage, bus voltage, and temperature measurements are multiplexed internally to a single ADC as shown
in Figure 7-1.
PTAT Temp.
Sensor
IN+
IN-
VBUS
ADCp ADCn
Vs
MUX digital
Control
Bus Voltage
Shunt Voltage
Internal Temp.
ADC_IN+
ADC_IN-
To ADC Input
Figure 7-1. High-Voltage Input Multiplexer
INA237
SBOSA20 – FEBRUARY 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com