Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA237 Datasheet HTML 23Page - Texas Instruments INA237 Datasheet HTML 24Page - Texas Instruments INA237 Datasheet HTML 25Page - Texas Instruments INA237 Datasheet HTML 26Page - Texas Instruments INA237 Datasheet HTML 27Page - Texas Instruments INA237 Datasheet HTML 28Page - Texas Instruments INA237 Datasheet HTML 29Page - Texas Instruments INA237 Datasheet HTML 30Page - Texas Instruments INA237 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
7.6.1.14 Temperature Over-Limit Threshold (TEMP_LIMIT) Register (Address = 10h) [reset = 7FFFh]
The TEMP_LIMIT register is shown in Table 7-18.
Return to the Summary Table.
Table 7-18. TEMP_LIMIT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-4
TOL
R/W
7FF0h
Sets the threshold for comparison of the value to detect over
temperature measurements. Two's complement value.
The value entered in this field compares directly against the value
from the DIETEMP register to determine if an over temperature
condition exists. Conversion factor: 125 m°C/LSB.
3-0
Reserved
R
0
Reserved, always reads 0
7.6.1.15 Power Over-Limit Threshold (PWR_LIMIT) Register (Address = 11h) [reset = FFFFh]
The PWR_LIMIT register is shown in Table 7-19.
Return to the Summary Table.
Table 7-19. PWR_LIMIT Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
POL
R/W
FFFFh
Sets the threshold for comparison of the value to detect power over-
limit measurements. Unsigned representation, positive value only.
The value entered in this field compares directly against the value
from the POWER register to determine if an over power condition
exists. Conversion factor: 256 × Power LSB.
7.6.1.16 Manufacturer ID (MANUFACTURER_ID) Register (Address = 3Eh) [reset = 5449h]
The MANUFACTURER_ID register is shown in Table 7-20.
Return to the Summary Table.
Table 7-20. MANUFACTURER_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
MANFID
R
5449h
Reads back TI in ASCII.
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com