Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 15 Page - Texas Instruments

Back Button INA237 Datasheet HTML 11Page - Texas Instruments INA237 Datasheet HTML 12Page - Texas Instruments INA237 Datasheet HTML 13Page - Texas Instruments INA237 Datasheet HTML 14Page - Texas Instruments INA237 Datasheet HTML 15Page - Texas Instruments INA237 Datasheet HTML 16Page - Texas Instruments INA237 Datasheet HTML 17Page - Texas Instruments INA237 Datasheet HTML 18Page - Texas Instruments INA237 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 45 page
background image
−60
−50
−40
−30
−20
−10
0
1
10
100
1k
10k
100k
Frequency (Hz)
G001
Conversion time = 1.052 ms, single
conversion only
Figure 7-3. ADC Frequency Response
7.3.4.2 Flexible Conversion Times and Averaging
ADC conversion times for shunt voltage, bus voltage and temperature can be set independently from 50 μs to
4.12 ms. The flexibility in conversion time allows for robust operation in a variety of noisy environments. The
device also allows for programmable averaging times from a single conversion all the way to an average of 1024
conversions. The amount of averaging selected applies uniformly to all active measurement inputs. The
ADC_CONFIG register shown in Table 7-6 provides additional details on the supported conversion times and
averaging modes. The INA237 effective resolution of the ADC can be increased by increasing the conversion
time and increasing the number of averages. Figure 7-4 and Figure 7-5 shown below illustrate the effect of
conversion time and averaging on a constant input signal.
Figure 7-4. Noise vs. Conversion Time (Averaging = 1)
Figure 7-5. Noise vs. Conversion Time (Averaging = 128)
www.ti.com
INA237
SBOSA20 – FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com