Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA237 Datasheet HTML 14Page - Texas Instruments INA237 Datasheet HTML 15Page - Texas Instruments INA237 Datasheet HTML 16Page - Texas Instruments INA237 Datasheet HTML 17Page - Texas Instruments INA237 Datasheet HTML 18Page - Texas Instruments INA237 Datasheet HTML 19Page - Texas Instruments INA237 Datasheet HTML 20Page - Texas Instruments INA237 Datasheet HTML 21Page - Texas Instruments INA237 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 45 page
background image
default power-up register values are shown in the reset column for each register description. Links to the register
descriptions are shown in Section 7.6.
7.5 Programming
7.5.1 I2C Serial Interface
The INA237 operates only as a secondary device on both the SMBus and I2C interfaces. Connections to the bus
are made through the open-drain SDA and SCL lines. The SDA and SCL pins feature integrated spike
suppression filters and Schmitt triggers to minimize the effects of input spikes and bus noise. Although the
device integrates spike suppression into the digital I/O lines, proper layout techniques help minimize the amount
of coupling into the communication lines. This noise introduction could occur from capacitive coupling signal
edges between the two communication lines themselves or from other switching noise sources present in the
system. Routing traces in parallel with ground in between layers on a printed-circuit board (PCB) typically
reduces the effects of coupling between the communication lines. Shielded communication lines reduce the
possibility of unintended noise coupling into the digital I/O lines that could be incorrectly interpreted as start or
stop commands.
The INA237 supports the transmission protocol for fast mode (1 kHz to 400 kHz) and high-speed mode (1 kHz to
2.94 MHz). All data bytes are transmitted most significant byte first and follow the SMBus 3.0 transfer protocol.
To communicate with the INA237, the main device must first address secondary devices through a secondary
device address byte. The secondary device address byte consists of seven address bits and a direction bit that
indicates whether the action is to be a read or write operation.
The device has two address pins, A0 and A1. Table 7-2 lists the pin logic levels for each of the 16 possible
addresses. The device samples the state of pins A0 and A1 on every bus communication. Establish the pin
states before any activity on the interface occurs. When connecting the SDA pin to either A0 or A1 to set the
device address, additional hold time of 100 ns is needed on the MSB of the I2C address to insure correct device
addressing.
Table 7-2. Address Pins and Secondary Device Addresses
A1
A0
Secondary Device Address
GND
GND
1000000
GND
VS
1000001
GND
SDA
1000010
GND
SCL
1000011
VS
GND
1000100
VS
VS
1000101
VS
SDA
1000110
VS
SCL
1000111
SDA
GND
1001000
SDA
VS
1001001
SDA
SDA
1001010
SDA
SCL
1001011
SCL
GND
1001100
SCL
VS
1001101
SCL
SDA
1001110
SCL
SCL
1001111
7.5.1.1 Writing to and Reading Through the I2C Serial Interface
Accessing a specific register on the INA237 is accomplished by writing the appropriate value to the register
pointer. Refer to Section 7.6 for a complete list of registers and corresponding addresses. The value for the
register pointer (as shown in Figure 7-9) is the first byte transferred after the secondary device address byte with
the R/W bit low. Every write operation to the device requires a value for the register pointer.
INA237
SBOSA20 – FEBRUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com