Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA237 Datasheet HTML 18Page - Texas Instruments INA237 Datasheet HTML 19Page - Texas Instruments INA237 Datasheet HTML 20Page - Texas Instruments INA237 Datasheet HTML 21Page - Texas Instruments INA237 Datasheet HTML 22Page - Texas Instruments INA237 Datasheet HTML 23Page - Texas Instruments INA237 Datasheet HTML 24Page - Texas Instruments INA237 Datasheet HTML 25Page - Texas Instruments INA237 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 45 page
background image
7.6.1.2 ADC Configuration (ADC_CONFIG) Register (Address = 1h) [reset = FB68h]
The ADC_CONFIG register is shown in Table 7-6.
Return to the Summary Table.
Table 7-6. ADC_CONFIG Register Field Descriptions
Bit
Field
Type
Reset
Description
15-12
MODE
R/W
Fh
The user can set the MODE bits for continuous or triggered mode on
bus voltage, shunt voltage or temperature measurement.
0h = Shutdown
1h = Triggered bus voltage, single shot
2h = Triggered shunt voltage triggered, single shot
3h = Triggered shunt voltage and bus voltage, single shot
4h = Triggered temperature, single shot
5h = Triggered temperature and bus voltage, single shot
6h = Triggered temperature and shunt voltage, single shot
7h = Triggered bus voltage, shunt voltage and temperature, single
shot
8h = Shutdown
9h = Continuous bus voltage only
Ah = Continuous shunt voltage only
Bh = Continuous shunt and bus voltage
Ch = Continuous temperature only
Dh = Continuous bus voltage and temperature
Eh = Continuous temperature and shunt voltage
Fh = Continuous bus, shunt voltage and temperature
11-9
VBUSCT
R/W
5h
Sets the conversion time of the bus voltage measurement:
0h = 50 µs
1h = 84 µs
2h = 150 µs
3h = 280 µs
4h = 540 µs
5h = 1052 µs
6h = 2074 µs
7h = 4120 µs
8-6
VSHCT
R/W
5h
Sets the conversion time of the shunt voltage measurement:
0h = 50 µs
1h = 84 µs
2h = 150 µs
3h = 280 µs
4h = 540 µs
5h = 1052 µs
6h = 2074 µs
7h = 4120 µs
5-3
VTCT
R/W
5h
Sets the conversion time of the temperature measurement:
0h = 50 µs
1h = 84 µs
2h = 150 µs
3h = 280 µs
4h = 540 µs
5h = 1052 µs
6h = 2074 µs
7h = 4120 µs
INA237
SBOSA20 – FEBRUARY 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com