Electronic Components Datasheet Search
  English  ▼

X  

INA237 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA237
Description  INA237 85-V, 16-Bit, Precision Power Monitor With I2C Interface
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA237 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA237 Datasheet HTML 10Page - Texas Instruments INA237 Datasheet HTML 11Page - Texas Instruments INA237 Datasheet HTML 12Page - Texas Instruments INA237 Datasheet HTML 13Page - Texas Instruments INA237 Datasheet HTML 14Page - Texas Instruments INA237 Datasheet HTML 15Page - Texas Instruments INA237 Datasheet HTML 16Page - Texas Instruments INA237 Datasheet HTML 17Page - Texas Instruments INA237 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 45 page
background image
inputs are set independently from 50 µs to 4.12ms depending on the values programmed in the ADC_CONFIG
register. Enabled measurement inputs are converted sequentially so the total time to convert all inputs depends
on the conversion time for each input and the number of inputs enabled. When averaging is used, the
intermediate values are subsequently stored in an averaging accumulator, and the conversion sequence repeats
until the number of averages is reached. After all of the averaging has been completed, the final values are
updated in the corresponding registers that can then be read. These values remain in the data output registers
until they are replaced by the next fully completed conversion results. In this case, reading the data output
registers does not affect a conversion in progress.
The ADC has two conversion modes—continuous and triggered—set by the MODE bits in ADC_CONFIG
register. In continuous-conversion mode, the ADC will continuously convert the input measurements and update
the output registers as described above in an indefinite loop. In triggered-conversion mode, the ADC will convert
the input measurements as described above, after which the ADC will go into shutdown mode until another
single-shot trigger is generated by writing to the MODE bits. Writing the MODE bits will interrupt and restart
triggered or continuous conversions that are in progress. Although the device can be read at any time, and the
data from the last conversion remains available, the Conversion Ready flag (CNVRF bit in DIAG_ALRT register)
is provided to help coordinate triggered conversions. This bit is set after all conversions and averaging is
completed.
The Conversion Ready flag (CNVRF) clears under these conditions:
• Writing to the ADC_CONFIG register (except for selecting shutdown mode); or
• Reading the DIAG_ALRT Register
While the INA237 device is used in either one of the conversion modes, a dedicated digital engine is calculating
the current and power values in the background as described in Section 7.3.2. All of the calculations are
performed in the background and do not contribute to conversion time.
For applications that must synchronize with other components in the system, the INA237 conversion can be
delayed by programming the CONVDLY bits in CONFIG register in the range between 0 (no delay) and 510 ms.
The resolution in programming the conversion delay is 2 ms. The conversion delay is set to 0 by default.
Conversion delay can assist in measurement synchronization when multiple external devices are used for
voltage or current monitoring purposes. In applications where an time aligned voltage and current measurements
are needed, two devices can be used with the current measurement delayed such that the external voltage and
current measurements will occur at approximately the same time. Keep in mind that even though the internal
time base for the ADC is precise, synchronization will be lost over time due to internal and external time base
mismatch.
7.3.4.1 Low Latency Digital Filter
The device integrates a low-pass digital filter that performs both decimation and filtering on the ADC output data,
which helps with noise reduction. The digital filter is automatically adjusted for the different output data rates and
always settles within one conversion cycle. The user has the flexibility to choose different output conversion time
periods TCT from 50 µs to 4.12 ms. With this configuration the first amplitude notch appears at the Nyquist
frequency of the output signal which is determined by the selected conversion time period and defined as
fNOTCH= 1 / (2 x TCT). This means that the filter cut-off frequency will scale proportionally with the data output
rate as described. Figure 7-3 shows the filter response when the 1.052 ms conversion time period is selected.
INA237
SBOSA20 – FEBRUARY 2021
www.ti.com
14
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA237



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com