Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 2 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  OCP0502A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Pin Configuration And Top Mark
C7DG
XXXX
4
5
1
2
3
OCP0502A
(Top View)
C7DG – OCP0502A
XXXX – Production Tracing Code
Figure 2
Pin Configuration and Top Mark
Pin Definition
Pin
Name
Description
1
OUT
Output pin
2
GND
Ground
3
ISET
Current limit threshold setting pin
4
EN
Chip enable (Active High)
5
IN
Power supply input
OCP0502A
Marking
Rev 2.0 :
www.leiditech.com
12.01.2019
2/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com