Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 5 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  OCP0502A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics
TA = 25°C unless otherwise noted. Typical values are guaranteed for VIN = 5V, CIN = 1µF, IIN
≤ 2A and TA = 25°C.
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
IQ
Input quiescent
current
VIN=5.0V, VEN=5.0V, RSET=6.8k
Ω,IOUT=0A
30
70
μA
ISD
Shutdown
current from IN
to GND
VIN=5.0V, VEN=0V, RSET=6.8k
Ω
0.55
2
μA
ILEAKEN
EN pin leakage
current
VIN=0V, VEN=5.5V
0.4
1
A
POWER SWITCH
Rdson
Internal switch
MOSFET on-
state
resistance
VIN=5.0V, VEN=high, IOUT=500mA
85
mΩ
REN
EN pin pull
down resistor
VEN=5.0V
12
M
Ω
RDIS
Output
discharge
resistance
VIN=5.0V, VEN=low
,
IOUT Sinking 2mA
75
Ω
tR
Output rise
time
VIN=5.0V, COUT=1
F, ROUT=100Ω
60
s
tON
Switch turn on
time
VIN=5.0V, COUT=1
F, ROUT=100Ω
160
s
tF
Output fall time
VIN=5.0V, COUT=1
F, ROUT=100Ω
105
s
tOFF
Switch turn off
time
VIN=5.0V, COUT=1
F, ROUT=100Ω
110
s
VIH
EN input high
threshold level
2.0
V
VIL
EN input low
threshold level
0.8
V
CURRNET LIMIT
ILIMIT
Current limit
threshold
RSET=3.4k
Ω
1600
2000
2400
mA
RSET=6.8k
Ω
800
1000
1200
RSET=17k
Ω
320
400
480
tIOS
Response time
to short circuit
VIN=5.0V
10
s
UNDER VOLTAGE LOCKOUT
VUVLO
UVLO
threshold
voltage
VIN rising
2.3
2.5
V
VUVLO_
HYS
UVLO
hysteresis
VIN falling
80
mV
OCP0502A
Rev 2.0 :
www.leiditech.com
12.01.2019
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com