Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 7 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button OCP0502A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Characteristics
Ambient temperature is 25°C, CIN = COUT=1µF, unless otherwise noted.
VIN (V)
Figure 6
Quiescent Current vs. VIN, No load
VIN (V)
Figure 7
IN Shutdown Current vs. VIN
VIN (V)
Figure 8
Rdson vs. VIN(IOUT=200mA)
RISET
(kΩ)
Figure 9
ILIMIT vs. RISET
VIN(V)
Figure 10
ILIMIT vs. VIN
TEMP (℃)
Figure 11
UVLO vs. TEMP
15
20
25
30
35
40
45
2.5
3
3.5
4
4.5
5
5.5
-40
℃
25
℃
85
℃
0
0.2
0.4
0.6
0.8
1
1.2
1.4
2.5
3
3.5
4
4.5
5
5.5
-40
℃
25
℃
85
℃
60
70
80
90
100
110
120
130
140
2.5
3
3.5
4
4.5
5
5.5
-40
℃
25
℃
85
℃
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
2
4
6
8
10
12
14
16
18
1
1.005
1.01
1.015
1.02
1.025
1.03
2.5
3
3.5
4
4.5
5
5.5
2.2
2.22
2.24
2.26
2.28
2.3
2.32
-40
-20
0
20
40
60
80
100
UVLO_H
UVLO_L
OCP0502A
Rev 2.0 :
www.leiditech.com
12.01.2019
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com