Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 8 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button OCP0502A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Typical Characteristics (continued)
Ambient temperature is 25°C, CIN = COUT=1µF, unless otherwise noted.
IN
EN
OUT
IIN
C1: 5.00V/div
C2: 5.00V/div
t=100
μs/div
C3: 50mA/div
C4: 5.00V/div
VIN=5V,CIN=1µF,COUT=1µF,RlSET=6.8K
Ω
Figure 12
Turn On Response
IN
EN
OUT
IIN
C1: 5.00V/div
C2: 5.00V/div
t=100
μs/div
C3: 500mA/div
C4: 5.00V/div
VIN=5V,CIN=1µF,COUT=10µF,RlSET=6.8K
Ω
Figure 13
Turn On Response
IN
EN
OUT
IIN
C1: 5.00V/div
C2: 5.00V/div
t=100
μs/div
C3: 50mA/div
C4: 5.00V/div
VIN=5V,CIN=1µF,COUT=1µF,RlSET=6.8K
Ω
Figure 14
Turn Off Response
OUT
IIN
7.5us
C2: 5.00V/div
C3: 2A/div
t=20
μs/div
VIN=5V,CIN=1µF,COUT=1µF,RlSET=6.8K
Ω
Figure 15
Short Circuit Response
IN
OUT
IIN
C1: 5.00V/div
C2: 2.00V/div
t=20ms/div
C3: 2A/div
VIN=5V,CIN=1µF,COUT=1µF,RlSET=6.8K
Ω
Figure 16
Continuous Short Response
OCP0502A
Rev 2.0 :
www.leiditech.com
12.01.2019
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com