Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 1 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  OCP0502A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
Integrated P-channel MOSFET power switch
Input voltage: 2.5V to 5.5V
0.4~2A adjustable current limit
Switch on-resistance(typ.):
Rdson=85m
Ω at VIN=5V
±20% current limit accuracy
Reverse current protection
Internal EN pull-down resistor
Under voltage lockout
Over temperature protection
Quick Output Discharge(QOD)
SOT23-5L package
Applications
USB Ports
Power Distribution Switch
Notebook and Desktop Computer
High-Definition Television(HDTV)
General Description
The OCP0502A is a P-channel MOSFET power
distribution switch which intended for high-side
load-switching applications. The device integrates
adjustable current limit function with an external
resistor from ISET pin to ground.
The OCP0502A also features fast short-circuit
response, under voltage lockout, over temperature
protection, reverse current protection, QOD and so
on.
Typical Application Circuit
IN
EN
OUT
ISET
GND
RSET
CIN
COUT
VIN
VOUT
5
4
1
3
2
OCP0502A
Figure 1
Typical Application Circuit of OCP0502A
OCP0502A
2A Power Distribution Switch with ADJustable Current Limit
Rev 2.0 :
www.leiditech.com
12.01.2019
1/13


Similar Part No. - OCP0502A

ManufacturerPart #DatasheetDescription
logo
Kingston Technology Far...
OCP0S31024Q-A0 KINGSTON-OCP0S31024Q-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OCP0S3128B-A0 KINGSTON-OCP0S3128B-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OCP0S3128Q-A0 KINGSTON-OCP0S3128Q-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OCP0S3256B-A0 KINGSTON-OCP0S3256B-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
OCP0S325Q-A0 KINGSTON-OCP0S325Q-A0 Datasheet
3Mb / 2P
Perfect storage solutions for system designers and builders
More results

Similar Description - OCP0502A

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2007 MICREL-MIC2007 Datasheet
748Kb / 17P
Adjustable Current Limit Power Distribution Switch
logo
SHANGHAI BELLING CO., L...
BL2555 BELLING-BL2555 Datasheet
515Kb / 7P
Load Switch with Adjustable Current Limit
logo
Monolithic Power System...
MP6219 MPS-MP6219 Datasheet
715Kb / 11P
5V, 1A ??2A Programmable Current Limit Power Distribution Switch
logo
Unisonic Technologies
US2005 UTC-US2005 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
US2005 UTC-US2005_15 Datasheet
165Kb / 5P
FIXED CURRENT LIMIT POWER DISTRIBUTION SWITCH
logo
Richtek Technology Corp...
RT2528 RICHTEK-RT2528 Datasheet
171Kb / 12P
Power Switch with Adjustable Current Limit
RT9728B RICHTEK-RT9728B Datasheet
227Kb / 14P
Power Switch with Adjustable Current Limit
logo
ON Semiconductor
NCV47722. ONSEMI-NCV47722. Datasheet
163Kb / 14P
High Side Switch with Adjustable Current Limit
April, 2017 ??Rev. 0
logo
Will Semiconductor Ltd.
WS4603 WILLSEMI-WS4603 Datasheet
1Mb / 10P
80m廓,Adjustable Current Limit, Power Distribution Switch
logo
ETA SOLUTIONS CO. LIMIT...
ETA6010 ETA-ETA6010 Datasheet
289Kb / 1P
Precision Load Switch with Adjustable Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com