Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 11 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Back Button OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 10Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 11Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 12Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 13Page - Shanghai Leiditech Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Tape And Reel Information
P1
Cavity
B0
W
K0
P0
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
Sprocket Holes
User Direction of Feed
Pocket Quadrants
DIMENSIONS AND PIN1 ORIENTATION
D1
(mm)
D0
(mm)
A0
(mm)
B0
(mm)
K0
(mm)
P0
(mm)
P1
(mm)
P2
(mm)
W
(mm)
Pin1 Quadrant
178
8.4
3.3
3.2
1.4
2
4
4
8
Q3
178
All dimensions are nominal
P2
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
TAPE DIMENSIONS
A0:Dimension designed to accommodate the component width
B0:Dimension designed to accommodate the component length
K0:Dimension designed to accommodate the component thickness
W:Overall width of the carrier tape
P0:Pitch between successive cavity centers and sprocket hole
P1:Pitch between successive cavity centers
P2:Pitch between sprocket hole
D1:Reel Diameter
D0:Reel Width
REEL DIMENSIONS
D1
D0
A0
Pin 1
OCP0502A
Rev 2.0 :
www.leiditech.com
12.01.2019
11/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com