Electronic Components Datasheet Search
  English  ▼

X  

OCP0502A Datasheet(PDF) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

Part # OCP0502A
Description  2A Power Distribution Switch with ADJustable Current Limit
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEIDITECH [Shanghai Leiditech Electronic Technology Co., Ltd]
Direct Link  http://www.leiditech.com
Logo LEIDITECH - Shanghai Leiditech Electronic Technology Co., Ltd

OCP0502A Datasheet(HTML) 4 Page - Shanghai Leiditech Electronic Technology Co., Ltd

  OCP0502A Datasheet HTML 1Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 2Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 3Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 4Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 5Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 6Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 7Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 8Page - Shanghai Leiditech Electronic Technology Co., Ltd OCP0502A Datasheet HTML 9Page - Shanghai Leiditech Electronic Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings(NOTE1)
PARAMETERS
RANGE
Supply Voltage Range VIN
-0.3V to 6V
Input Voltage Range
EN
-0.3V to 6V
Output Voltage Range
OUT
-0.3V to 6V
Maximum Continuous Switch Current for VIN
≥ 2.5V(NOTE 2)
2A
Maximum Peak Switch Current for VIN
≥ 2.5V(NOTE 3)
2.5A
Operating Free-air Temperature Range
-40°C to 85°C
Maximum Junction Temperature TJMAX
150°C
Storage Temperature TSTG
-65°C to 150°C
Lead Temperature (Soldering 10 Seconds)
260°C
ESD
HBM (Human Body Model) (NOTE 4)
±2kV
CDM(Charged Device Model) (NOTE 5)
±1.0kV
Latch-Up
Latch-Up (NOTE 6)
+IT
:200mA
-IT
:-200mA
NOTE1: Conditions out of those ranges listed in "absolute maximum ratings" may cause permanent damages
to the device. In spite of the limits above, functional operation conditions of the device should within the ranges
listed in "recommended operating conditions". Exposure to absolute-maximum-rated conditions for prolonged
periods may affect device reliability.
NOTE2: Limited by thermal design.
NOTE3: Limited by thermal design, and tested in 10ms width pulse current.
NOTE4: The human body model is a 100pF capacitor
discharged through a 1.5kΩ resistor into each pin. Test
method: ESDA/JEDEC JS-001-2017.
NOTE5: All pins. Test Condition: ESDA/JEDEC JS-002-2018.
NOTE6: Test Condition: JESD78E.
Recommended Operating Conditions
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIN
Input Voltage
2.5
5.5
V
VEN
EN Voltage
0
5.5
V
VOUT
Output Voltage
0
VIN
V
CIN
Input capacitance
0.1
1
µF
COUT
Output load capacitance
0.1
1
µF
OCP0502A
Rev 2.0 :
www.leiditech.com
12.01.2019
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com