Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 32 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 32 Page - Analog Devices

Back Button AD9988 Datasheet HTML 28Page - Analog Devices AD9988 Datasheet HTML 29Page - Analog Devices AD9988 Datasheet HTML 30Page - Analog Devices AD9988 Datasheet HTML 31Page - Analog Devices AD9988 Datasheet HTML 32Page - Analog Devices AD9988 Datasheet HTML 33Page - Analog Devices AD9988 Datasheet HTML 34Page - Analog Devices AD9988 Datasheet HTML 35Page - Analog Devices AD9988 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
Data Sheet
AD9988
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 32 of 40
Figure 42. Single-Tone FFT at fIN = 2700 MHz
Figure 43. Single-Tone FFT at fIN = 3600 MHz
Figure 44. Single-Tone FFT at fIN = 4700 MHz
Figure 45. Single-Tone SFDR and SNR vs. AIN at fIN = 2700 MHz, fS = 4 GSPS
Figure 46. Single-Tone SFDR and SNR vs. AIN at fIN = 3600 MHz, fS = 4 GSPS
Figure 47. Single-Tone SFDR and SNR vs. AIN at fIN = 4500 MHz, fS = 4 GSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com