Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9988 Datasheet HTML 14Page - Analog Devices AD9988 Datasheet HTML 15Page - Analog Devices AD9988 Datasheet HTML 16Page - Analog Devices AD9988 Datasheet HTML 17Page - Analog Devices AD9988 Datasheet HTML 18Page - Analog Devices AD9988 Datasheet HTML 19Page - Analog Devices AD9988 Datasheet HTML 20Page - Analog Devices AD9988 Datasheet HTML 21Page - Analog Devices AD9988 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
Data Sheet
AD9988
SPECIFICATIONS
analog.com
Rev. 0 | 18 of 40
Table 17.
3 GSPS
4 GSPS
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
fIN1 = 1775 MHz, fIN2 = 1825 MHz
−81
−84
dBFS
fIN1 = 2675 MHz, fIN2 = 2725 MHz
−77
−78
dBFS
fIN1 = 3575 MHz, fIN2 = 3625 MHz
−73
−74
dBFS
fIN1 = 5375 MHz, fIN2 = 5425 MHz
−66
−66
dBFS
ANALOG BANDWIDTH4
7.5
7.5
GHz
1 Noise density is measured at 250 MHz input frequency at −30 dBFS, where timing jitter does not degrade noise floor.
2 Noise figure is based on a nominal full-scale input power of 4.5 dBm with an input span of 1.4 V p-p and RIN = 100 Ω.
3 With background interleaving calibration converged.
4 Analog input bandwidth is the bandwidth of operation in which the full-scale input frequency response rolls off by −3 dB based on a de-embedded model of the ADC extracted
from the measured frequency response on evaluation board. This bandwidth requires optimized matching network to achieve this upper bandwidth.
TIMING SPECIFICATIONS
For the minimum and maximum values, TJ = −40°C to +120°C and ±5% of nominal supply, unless otherwise noted.
Table 18.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
SERIAL PORT INTERFACE (SPI) WRITE OPERATION
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
SCLK = 33 MHz
8
ns
SCLK Clock Low
tPWL
SCLK = 33 MHz
8
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
CLK to CSB Hold Time
tH
4
ns
SPI READ OPERATION
LSB First Data Format
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
33
MHz
SCLK Clock High
tPWH
8
ns
SCLK Clock Low
tPWL
8
ns
MSB First Data Format
Maximum SCLK Clock Rate
fSCLK, 1/tSCLK
15
MHz
SCLK Clock High
tPWH
30
ns
SCLK Clock Low
tPWL
30
ns
SDIO to SCLK Setup Time
tDS
4
ns
SCLK to SDIO Hold Time
tDH
4
ns
CSB to SCLK Setup Time
tS
4
ns
SCLK to SDIO Data Valid Time
tDV
20
ns
SCLK to SDO Data Valid Time
tDV_SDO
20
ns
CSB to SDIO Output Valid to High-Z
tZ
20
ns
CSB to SDO Output Valid to High-Z
tZ_SDO
20
ns
RESETB
Minimum hold time to trigger a device reset
40
ns
Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com