Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 20 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9988 Datasheet HTML 16Page - Analog Devices AD9988 Datasheet HTML 17Page - Analog Devices AD9988 Datasheet HTML 18Page - Analog Devices AD9988 Datasheet HTML 19Page - Analog Devices AD9988 Datasheet HTML 20Page - Analog Devices AD9988 Datasheet HTML 21Page - Analog Devices AD9988 Datasheet HTML 22Page - Analog Devices AD9988 Datasheet HTML 23Page - Analog Devices AD9988 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
Data Sheet
AD9988
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. 0 | 20 of 40
Table 19.
Parameter
Rating
ISET, DACxP, DACxN, TDP, TDN
−0.3 V to AVDD2 + 0.3 V
VCO_COARSE, VCO_FINE, VCO_VCM,
VCO_VREG
−0.3 V to AVDD2_PLL + 0.3 V
Rx Input Power (ADC0P/N, ADC1P/N,
ADC2P/N, ADC3P/N)1
22 dBm
VCM0, VCM1
−0.3 V to RVDD2 + 0.3 V
CLKINP, CLKINN
−0.2 V to PLLCLKVDD1 + 0.2 V
ADCDRVN, ADCDRVP
−0.2 V to CLKVDD1 + 0.2 V
SERDINx±, SERDOUTx±
−0.2 V to SVDD1 + 0.2 V
SYSREFP, SYSREFN, and SYNCxINB±
−0.2 V to +2.5 V
SYNCxOUTB±, SYNCxINB±, RESETB,
TXENx, RXENx, IRQB_x, CSB, SCLK,
SDIO, SDO, TMU_REFN, TMU_REFP,
ADCx_SMON0, ADCx_SMON1,
ADCx_FD0, ADCx_FD1, GPIOx
−0.3 V to DVDD1P8 + 0.3 V
AVDD2, AVDD2_PLL, BVDD2, RVDD2,
SVDD2_PLL, DVDD1P8
−0.3 V to +2.2 V
PLLCLKVDD1, AVDD1, AVDD1_ADC,
CLKVDD1, FVDD1, DAVDD1, DVDD1_RT,
DCLKVDD1, SVDD1, SVDD1_PLL
−0.2 V to +1.2 V
VNN1
−1.1 V to +0.2 V
Temperature Ranges
Maximum Junction (TJ)2
120°C
Storage
−65°C to +150°C
1 Tested continuously for 1000 hours with fIN = 4.7 GHz pulsed
and continuous tone at maximum allowed junction temperature (TJ).
Refer to UG-1578, the device user guide, for more information.
2 Do not exceed this temperature for any duration of time when the
device is powered.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to PCB design and operating
environment. The use of appropriate thermal management techni-
ques is recommended to ensure that the maximum TJ does not
exceed the limits shown in Table 19.
θJA is the natural convection, junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
θJC_TOP is the junction to case, thermal resistance.
θJB is the junction to board, thermal resistance.
Table 20. Simulated Thermal Resistance1
PCB Type
Airflow Velocity (m/
sec)
θJA
θJC_TOP θJB
Unit
JEDEC 2s2p Board 0.0
11.7
0.40
2.3
°C/W
1 Thermal resistance values specified are simulated based on JE-
DEC specifications in compliance with JESD51-12 with the device
power equal to 9 W.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com