Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9988 Datasheet HTML 2Page - Analog Devices AD9988 Datasheet HTML 3Page - Analog Devices AD9988 Datasheet HTML 4Page - Analog Devices AD9988 Datasheet HTML 5Page - Analog Devices AD9988 Datasheet HTML 6Page - Analog Devices AD9988 Datasheet HTML 7Page - Analog Devices AD9988 Datasheet HTML 8Page - Analog Devices AD9988 Datasheet HTML 9Page - Analog Devices AD9988 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
Data Sheet
AD9988
SPECIFICATIONS
analog.com
Rev. 0 | 6 of 40
ADC DC SPECIFICATIONS
Nominal supplies with DAC output full-scale current (IOUTFS) = 26 mA, unless otherwise noted. ADC setup in 4 GSPS, full BW mode (all
digital downconverters bypassed). For the minimum and maximum values, TJ = −40°C to +120°C, and for the typical values, TA = 25°C, which
corresponds to TJ = 80°C, unless otherwise noted.
Table 4. ADC DC Specifications
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
ADC RESOLUTION
12
Bit
ADC ACCURACY
No Missing Codes
Guaranteed
Offset Error
−0.20
%FSR
Offset Matching
+0.05
%FSR
Gain Error
−0.71
%FSR
Gain Matching
+1.2
%FSR
DNL
± 1.9
LSB
INL
± 0.5
LSB
ADC ANALOG INPUTS
ADCxP and ADCxN
Differential Input Voltage
1.4
V p-p
Full-Scale Sine Wave Input Power
Input power level resulting 0 dBFS tone level on fast Fourier
transform (FFT)
3.9
dBm
Common-Mode Input Voltage (VCMIN)
AC-coupled, equal to voltage at VCMx for ADCx input
1
V
Differential Input Impedance
100//0.4
Ω//pF
Return Loss
<2.7 GHz
−4.3
dB
2.7 GHz to 3.8 GHz
−3.6
dB
3.8 GHz to 5.4 GHz
−2.9
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com