Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9988 Datasheet HTML 32Page - Analog Devices AD9988 Datasheet HTML 33Page - Analog Devices AD9988 Datasheet HTML 34Page - Analog Devices AD9988 Datasheet HTML 35Page - Analog Devices AD9988 Datasheet HTML 36Page - Analog Devices AD9988 Datasheet HTML 37Page - Analog Devices AD9988 Datasheet HTML 38Page - Analog Devices AD9988 Datasheet HTML 39Page - Analog Devices AD9988 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 40 page
background image
Data Sheet
AD9988
OUTLINE DIMENSIONS
©2021 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Rev. 0 | 40 of 40
9
8
11
10
13
12
7
6
5
4
2
3
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
15
14
17
16
18
COMPLIANT TO JEDEC STANDARDS MO-275-KKAB-1
0.80
BSC
BOTTOM VIEW
TOP VIEW
SIDE VIEW
DETAIL A
15.10
15.00 SQ
14.90
14.80
14.70 SQ
14.60
12.60
12.50 SQ
12.40
11.80
11.60 SQ
11.50
1.72
1.58
1.44
1.20
1.10
1.00
13.60 REF
SQ
0.70
BSC
A1 BALL
CORNER
A1 BALL
CORNER
0.40
0.36
0.32
0.40
0.35
0.30
0.525
0.500
0.475
0.87 REF
0.50
0.45
0.40
COPLANARITY
0.10
BALL DIAMETER
DETAIL A
SEATING
PLANE
R 0.5~1.5
R 1.0
Figure 76. 324-Ball Ball Grid Array, Thermally Enhanced [BGA_ED]
(BP-324-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range2
Package Description
Ordering Quantity
Package
Option
AD99988BBPZ-4D4AC
−40°C to +120°C
324-Ball BGA_ED
Tray, 126
BP-324-3
AD9988BBPZRL-4D4AC
−40°C to +120°C
324-Ball BGA_ED
Reel, 1000
BP-324-3
1 Z = RoHS Compliant Part.
2 Specified operating junction temperature (TJ).
EVALUATION BOARDS
Model
Description
AD9988-FMCB-EBZ
AD9988 Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com