Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9988 Datasheet HTML 13Page - Analog Devices AD9988 Datasheet HTML 14Page - Analog Devices AD9988 Datasheet HTML 15Page - Analog Devices AD9988 Datasheet HTML 16Page - Analog Devices AD9988 Datasheet HTML 17Page - Analog Devices AD9988 Datasheet HTML 18Page - Analog Devices AD9988 Datasheet HTML 19Page - Analog Devices AD9988 Datasheet HTML 20Page - Analog Devices AD9988 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
Data Sheet
AD9988
SPECIFICATIONS
analog.com
Rev. 0 | 17 of 40
Table 17.
3 GSPS
4 GSPS
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
fIN = 3600 MHz
−61
−61
dBFS
fIN = 4500 MHz
−55
−56
dBFS
fIN = 5400 MHz
−50
−53
dBFS
fIN = 6300 MHz
−48
−48
dBFS
fIN = 7200 MHz
−46
−46
dBFS
THIRD-ORDER HARMONIC DISTORTION (HD3)
fIN = 450 MHz
−78
−76
dBFS
fIN = 900 MHz
−79
−76
dBFS
fIN = 1800 MHz
−78
−75
dBFS
fIN = 2700 MHz
−76
−73
−66
dBFS
fIN = 3600 MHz
−71
−76
dBFS
fIN = 4500 MHz
−62
−64
dBFS
fIN = 5400 MHz
−60
−60
dBFS
fIN = 6300 MHz
−59
−57
dBFS
fIN = 7200 MHz
−58
−54
dBFS
WORST OTHER, EXCLUDING HD2, HD3, AND INTERLEAVING SPURS
fIN = 450 MHz
−78
−88
dBFS
fIN = 900 MHz
−78
−87
dBFS
fIN = 1800 MHz
−78
−81
dBFS
fIN = 2700 MHz
−78
−79
−64
dBFS
fIN = 3600 MHz
−78
−77
dBFS
fIN = 4500 MHz
−77
−75
dBFS
fIN = 5400 MHz
−78
−74
dBFS
fIN = 6300 MHz
−74
−72
dBFS
fIN = 7200 MHz
−73
−72
dBFS
INTERLEAVING SPUR (fIN ± fS/2)3
fIN = 450 MHz
−97
−93
dBFS
fIN = 900 MHz
−94
−93
dBFS
fIN = 1800 MHz
−96
−90
dBFS
fIN = 2700 MHz
−86
−86
dBFS
fIN = 3600 MHz
−84
−81
dBFS
fIN = 4500 MHz
−53
−85
dBFS
fIN = 5400 MHz
−78
−86
dBFS
fIN = 6300 MHz
−77
−79
dBFS
fIN = 7200 MHz
−78
−74
dBFS
DIGITAL COUPLING SPUR (fIN ± fS/4)
fIN = 450 MHz
−83
−94
dBFS
fIN = 900 MHz
−79
−91
dBFS
fIN = 1800 MHz
−73
−89
dBFS
fIN = 2700 MHz
−70
−86
−67
dBFS
fIN = 3600 MHz
−68
−87
dBFS
fIN = 4500 MHz
−66
−83
dBFS
fIN = 5400 MHz
−65
−82
dBFS
fIN = 6300 MHz
−64
−80
dBFS
fIN = 7200 MHz
−63
−79
dBFS
TWO-TONE INTERMODULATION DISTORTION (IMD3, 2fIN1 − fIN2 OR 2fIN2 − fIN1 )
AIN1 AND AIN2 = −7 dBFS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com