Electronic Components Datasheet Search
  English  ▼

X  

AD9988 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9988
Description  4T4R Direct RF Receiver and Transmitter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9988 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9988 Datasheet HTML 19Page - Analog Devices AD9988 Datasheet HTML 20Page - Analog Devices AD9988 Datasheet HTML 21Page - Analog Devices AD9988 Datasheet HTML 22Page - Analog Devices AD9988 Datasheet HTML 23Page - Analog Devices AD9988 Datasheet HTML 24Page - Analog Devices AD9988 Datasheet HTML 25Page - Analog Devices AD9988 Datasheet HTML 26Page - Analog Devices AD9988 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
Data Sheet
AD9988
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 23 of 40
Table 21. Pin Function Descriptions
Pin No.
Mnemonic
Type
Description
G10
TMU_REFP
Output
TMU ADC Positive Reference. Connect this pin to DVDD1P8.
Analog Inputs
A6, A5
ADC0P, ADC0N
Input
ADC0 Differential Inputs with Internal 100 Ω Differential
Resistor. Leave these pins floating if unused.
V6, V5
ADC1P, ADC1N
Input
ADC1 Differential Inputs with Internal 100 Ω Differential
Resistor. Leave these pins floating if unused.
A10, A9
ADC2P, ADC2N
Input
ADC2 Differential Inputs with Internal 100 Ω Differential
Resistor. Leave these pins floating if unused.
V10, V9
ADC3P, ADC3N
Input
ADC3 Differential Inputs with Internal 100 Ω Differential
Resistor. Leave these pins floating if unused.
J3
VCO_FINE
Input
On-Chip Device Clock Multiplier and PLL Fine Loop Filter
Input. If the PLL is not in use, leave this pin floating and
disable the PLL via the control registers.
J4
VCO_COARSE
Input
On-Chip Device Clock Multiplier and PLL Coarse Loop Filter
Input. If the PLL is not in use, leave this pin floating and
disable the PLL via the control registers.
K4
VCO_VCM
Input
On-Chip Device Clock Multiplier and VCO Common-Mode
Input. If the PLL is not in use, leave this pin floating and
disable the PLL via the control registers.
N9, N10
TDP, TDN
Input
Anode and Cathode of Temperature Diodes. This feature is not
supported. Tie TDP and TDN to GND.
J1, K1
CLKINP, CLKINN
Input
Differential Clock Inputs with Nominal 100 Ω Termination.
These self biased inputs require ac coupling. When the on-
chip clock multiplier PLL is enabled, this input is the reference
clock input. If the PLL is disabled, an RF clock equal to the
DAC output sample rate is required.
CMOS Inputs and Outputs1
G13
CSB
Input
Serial Port Enable Input. Active low.
H13
SCLK
Input
Serial Plot Clock Input.
F13
SDIO
Input/output
Serial Port Bidirectional Data Input/Output.
J13
SDO
Output
Serial Port Data Output.
C12
RESETB
Input
Active Low Reset Input. RESETB places digital logic and
SPI registers in a known default state. RESETB must be
connected to a digital IC that is capable of issuing a reset
signal for the first step in the device initialization process.
E13, D13
RXEN0, RXEN1
Input
Active High ADC and Receive Datapath Enable Inputs.
RXENx is also SPI configurable.
P13, R13
TXEN0, TXEN1
Input
Active High DAC and Transmit Datapath Enable Inputs.
TXENx is also SPI configurable.
D12, D11
ADC0_FD0, ADC0_FD1
Output
ADC0 Fast Detect Outputs by Default. Do not connect if
unused.
E12, E11
ADC1_FD0, ADC1_FD1
Output
ADC1 Fast Detect Outputs by Default. Do not connect if
unused.
F12, F11
ADC2_FD0, ADC2_FD1
Output
ADC2 Fast Detect Outputs by Default. Do not connect if
unused.
G12, G11
ADC3_FD0, ADC3_FD1
Output
ADC3 Fast Detect Outputs by Default. Do not connect if
unused.
P12, R12
IRQB_0, IRQB_1
Output
Interrupt Request Outputs. These pins are open-drain, active
low outputs (CMOS levels with respect to DVDD1P8). Connect
a >5 kΩ pull-up resistor to DVDD1P8 to prevent these pins
from floating when unused.
N12, M12, N11, M11, P11, R11
GPIO0 to GPIO5
Input/output
General-Purpose Input or Output Pins. These pins control
auxiliary functions related to the Tx datapaths.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com