Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 312 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 312 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 308Page - Microchip Technology ATMEGA640 Datasheet HTML 309Page - Microchip Technology ATMEGA640 Datasheet HTML 310Page - Microchip Technology ATMEGA640 Datasheet HTML 311Page - Microchip Technology ATMEGA640 Datasheet HTML 312Page - Microchip Technology ATMEGA640 Datasheet HTML 313Page - Microchip Technology ATMEGA640 Datasheet HTML 314Page - Microchip Technology ATMEGA640 Datasheet HTML 315Page - Microchip Technology ATMEGA640 Datasheet HTML 316Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 312 / 436 page
background image
312
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
Figure 29-2. Memory Sections
Note:
1. The parameters in the figure above are given in Table 29-7 on page 320.
29.4 Boot Loader Lock Bits
If no Boot Loader capability is needed, the entire Flash is available for application code. The Boot Loader has two
separate sets of Boot Lock bits which can be set independently. This gives the user a unique flexibility to select dif-
ferent levels of protection.
The user can select:
•
To protect the entire Flash from a software update by the MCU
•
To protect only the Boot Loader Flash section from a software update by the MCU
•
To protect only the Application Flash section from a software update by the MCU
•
Allow software update in the entire Flash
See Table 29-2 on page 313 and Table 29-3 on page 313 for further details. The Boot Lock bits can be set in soft-
ware and in Serial or Parallel Programming mode, but they can be cleared by a Chip Erase command only. The
general Write Lock (Lock Bit mode 2) does not control the programming of the Flash memory by SPM instruction.
Similarly, the general Read/Write Lock (Lock Bit mode 1) does not control reading nor writing by (E)LPM/SPM, if it
is attempted.
0x0000
Flashend
Program Memory
BOOTSZ = '11'
Application Flash Section
Boot Loader Flash Section
Flashend
Program Memory
BOOTSZ = '10'
0x0000
Program Memory
BOOTSZ = '01'
Program Memory
BOOTSZ = '00'
Application Flash Section
Boot Loader Flash Section
0x0000
Flashend
Application Flash Section
Flashend
End RWW
Start NRWW
Application Flash Section
Boot Loader Flash Section
Boot Loader Flash Section
End RWW
Start NRWW
End RWW
Start NRWW
0x0000
End RWW, End Application
Start NRWW, Start Boot Loader
Application Flash Section
Application Flash Section
Application Flash Section
End Application
Start Boot Loader
End Application
Start Boot Loader
End Application
Start Boot Loader



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com