Electronic Components Datasheet Search
  English  ▼

X  

ATMEGA640 Datasheet(PDF) 315 Page - Microchip Technology

Part # ATMEGA640
Description  8-bit Microcontroller with 16/32/64KB In-System Programmable Flash
PDF  436 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATMEGA640 Datasheet(HTML) 315 Page - Microchip Technology

Back Button ATMEGA640 Datasheet HTML 311Page - Microchip Technology ATMEGA640 Datasheet HTML 312Page - Microchip Technology ATMEGA640 Datasheet HTML 313Page - Microchip Technology ATMEGA640 Datasheet HTML 314Page - Microchip Technology ATMEGA640 Datasheet HTML 315Page - Microchip Technology ATMEGA640 Datasheet HTML 316Page - Microchip Technology ATMEGA640 Datasheet HTML 317Page - Microchip Technology ATMEGA640 Datasheet HTML 318Page - Microchip Technology ATMEGA640 Datasheet HTML 319Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 436 page
background image
315
ATmega640/V-1280/V-1281/V-2560/V-2561/V [DATASHEET]
DS40002211A
29.6 Self-Programming the Flash
The program memory is updated in a page by page fashion. Before programming a page with the data stored in the
temporary page buffer, the page must be erased. The temporary page buffer is filled one word at a time using SPM
and the buffer can be filled either before the Page Erase command or between a Page Erase and a Page Write
operation:
Alternative 1, fill the buffer before a Page Erase
•
Fill temporary page buffer
•
Perform a Page Erase
•
Perform a Page Write
Alternative 2, fill the buffer after Page Erase
•
Perform a Page Erase
•
Fill temporary page buffer
•
Perform a Page Write
If only a part of the page needs to be changed, the rest of the page must be stored (for example in the temporary
page buffer) before the erase, and then be rewritten. When using alternative 1, the Boot Loader provides an effec-
tive Read-Modify-Write feature which allows the user software to first read the page, do the necessary changes,
and then write back the modified data. If alternative 2 is used, it is not possible to read the old data while loading
since the page is already erased. The temporary page buffer can be accessed in a random sequence. It is essen-
tial that the page address used in both the Page Erase and Page Write operation is addressing the same page.
See “Simple Assembly Code Example for a Boot Loader” on page 318 for an assembly code example.
29.6.1
Performing Page Erase by SPM
To execute Page Erase, set up the address in the Z-pointer, write “X0000011” to SPMCSR and execute SPM
within four clock cycles after writing SPMCSR. The data in R1 and R0 is ignored. The page address must be writ-
ten to PCPAGE in the Z-register. Other bits in the Z-pointer will be ignored during this operation.
•
Page Erase to the RWW section: The NRWW section can be read during the Page Erase
•
Page Erase to the NRWW section: The CPU is halted during the operation
29.6.2
Filling the Temporary Buffer (Page Loading)
To write an instruction word, set up the address in the Z-pointer and data in R1:R0, write “00000001” to SPMCSR
and execute SPM within four clock cycles after writing SPMCSR. The content of PCWORD in the Z-register is used
to address the data in the temporary buffer. The temporary buffer will auto-erase after a Page Write operation or by
writing the RWWSRE bit in SPMCSR. It is also erased after a system reset. Note that it is not possible to write
more than one time to each address without erasing the temporary buffer.
If the EEPROM is written in the middle of an SPM Page Load operation, all data loaded is still buffered.
29.6.3
Performing a Page Write
To execute Page Write, set up the address in the Z-pointer, write “X0000101” to SPMCSR and execute SPM within
four clock cycles after writing SPMCSR. The data in R1 and R0 is ignored. The page address must be written to
PCPAGE. Other bits in the Z-pointer must be written to zero during this operation.
•
Page Write to the RWW section: The NRWW section can be read during the Page Write
•
Page Write to the NRWW section: The CPU is halted during the operation
29.6.4
Using the SPM Interrupt
If the SPM interrupt is enabled, the SPM interrupt will generate a constant interrupt when the SPMEN bit in
SPMCSR is cleared. This means that the interrupt can be used instead of polling the SPMCSR Register in soft-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com