Electronic Components Datasheet Search
  English  ▼

X  

HM2011 Datasheet(PDF) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2011
Description  4.7W Anti-cutting Mono Class D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2011 Datasheet(HTML) 9 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2011 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
RPD
CTRL
H
M2011
图
3 ACF-1 模式实现
若不需
SD 低功耗应用,可去掉开关 S1 和下拉电阻 RPD,直接将 CTRL 脚接电源 VDD 即可。
(二)精简应用电路(
ACF-off)
图
4 ACF-Off 模式精简电路
表
2 ACF-Off 精简电路电阻取值
CTRL模式功能描述
(一) ACF ON 模式
在
ACF 模式下,当电路检测到输入信号幅度过大而产生输出削顶时,H
M2011 通过自动调整系统增益,
控制输出达到一种最大限度的无削顶失真功率水平,由此大大改善了音质效果。此外,当电源电压下降时,
H
M2011 也能自动衰减输出增益,实现与 VDD 下降值相匹配的最大限度无削顶输出水平。
电源电压
VDD
3.3V~5.5V
6.5V
RCTRL1
200kΩ
200kΩ
RCTRL2
39kΩ
30kΩ
H
M2011
HM2011
4.7W 防削顶 D 类音频功率放大器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com