Electronic Components Datasheet Search
  English  ▼

X  

HM2011 Datasheet(PDF) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2011
Description  4.7W Anti-cutting Mono Class D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2011 Datasheet(HTML) 11 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2011 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
 保护功能
H
M2011 具有以下几种保护功能:输出端过流保护、片内过温保护、电源欠压异常保护。
(1)过流保护
当检测到一输出端对电源、对地、或对另一输出端短路时,过流保护启动,输出端切换至高阻态,防止
芯片烧毁损坏。短路情况消除后,可自动恢复正常工作。
(2)过温保护
当检测到芯片内温度超过
150℃时,过温保护启动,正负输出端切换至弱低电平状态(内部通过高阻接
地),防止芯片被热击穿损坏。
(3)欠压保护
当检测到电源端
VDD 低于 VUVLL(1.9V),启动欠压保护,输出端为弱低电平状态(内部通过高阻接地);
当检测到
VDD 高于 VUVLH(2.1V),保护模式自动解除,经启动时间 TSTUP 后进入正常工作状态。
HM2011
4.7W 防削顶 D 类音频功率放大器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com