Electronic Components Datasheet Search
  English  ▼

X  

HM2011 Datasheet(PDF) 14 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM2011
Description  4.7W Anti-cutting Mono Class D Audio Power Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM2011 Datasheet(HTML) 14 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Back Button HM2011 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 10Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 11Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 12Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 13Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM2011 Datasheet HTML 14Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
封装外形
1
2
3
A
B
C
P-0.50
1.00
0.23
9× 0.32±0.02
0.235
±0.02
0.38
±0.02
(seating plane)
1.46 ±0.02
Pin A1
单位:
mm
9焊球WLCSP
符号
最小
最大
A
1.35
1.75
A1
0.10
0.25
A2
1.35
1.55
b
0.33
0.51
c
0.17
0.25
D
4.70
5.10
E
3.80
4.00
E1
5.80
6.20
e
1.27(BSC)
L
0.40
1.27
θ
0°
8°
单位:
mm
8引脚SOP
HM2011
4.7W 防削顶 D 类音频功率放大器



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com