Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 62 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 62 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 58Page - Microchip Technology KSZ8563R Datasheet HTML 59Page - Microchip Technology KSZ8563R Datasheet HTML 60Page - Microchip Technology KSZ8563R Datasheet HTML 61Page - Microchip Technology KSZ8563R Datasheet HTML 62Page - Microchip Technology KSZ8563R Datasheet HTML 63Page - Microchip Technology KSZ8563R Datasheet HTML 64Page - Microchip Technology KSZ8563R Datasheet HTML 65Page - Microchip Technology KSZ8563R Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 221 page
background image
KSZ8563R
DS00002418D-page 62
 2017-2018 Microchip Technology Inc.
Register addressing is by bytes, and the management interface (SPI, I2C or in-band) transfers data by bytes. Where
registers are shown as 16-bits or 32-bits, this is for descriptive purposes only. Data can always be written and read as
individual bytes and in any order.
For multi-byte registers, the data is addressed in a big-endian format, with the most significant byte at the lowest
address, and the least significant byte at the highest address, as shown in Figure 5-2.
The global and port register address maps are detailed in Table 5-1 and Table 5-2, respectively. Table 1-3, “Register
Nomenclature,” on page 7 provides a list of register bit type notations.
The remainder of this chapter is organized as follows:
• Global Registers
• Port Registers
• Tables and MIB Counters (Indirect Access)
• MDIO Manageable Device (MMD) Registers (Indirect)
FIGURE 5-2:
BYTE ORDERING
TABLE 5-1:
GLOBAL REGISTER ADDRESS MAP
Address
Functional Group
0x0000 - 0x00FF Global Operation Control Registers (0x0000 - 0x00FF)
0x0100 - 0x01FF Global I/O Control Registers (0x0100 - 0x01FF)
0x0200 - 0x02FF Global PHY Control and Status Registers (0x0200 - 0x02FF)
0x0300 - 0x03FF Global Switch Control Registers (0x0300 - 0x03FF)
0x0400 - 0x04FF Global Switch Look Up Engine (LUE) Control Registers (0x0400 - 0x04FF)
0x0500 - 0x05FF Global Switch PTP Control Registers (0x0500 - 0x05FF)
0x0600 - 0x0FFF RESERVED
0A0B0C0D
0A0B0
16-bit register
32-bit register
0A
0B
0C
0D
0A
0B
memory
memory
address a
address a+1
address a
address a+1
address a+2
address a+3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com