Electronic Components Datasheet Search
  English  ▼

X  

KSZ8563R Datasheet(PDF) 7 Page - Microchip Technology

Part # KSZ8563R
Description  3-Port 10/100 Ethernet Switch with RGMII/MII/RMII Interface and IEEE 1588v2
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

KSZ8563R Datasheet(HTML) 7 Page - Microchip Technology

Back Button KSZ8563R Datasheet HTML 3Page - Microchip Technology KSZ8563R Datasheet HTML 4Page - Microchip Technology KSZ8563R Datasheet HTML 5Page - Microchip Technology KSZ8563R Datasheet HTML 6Page - Microchip Technology KSZ8563R Datasheet HTML 7Page - Microchip Technology KSZ8563R Datasheet HTML 8Page - Microchip Technology KSZ8563R Datasheet HTML 9Page - Microchip Technology KSZ8563R Datasheet HTML 10Page - Microchip Technology KSZ8563R Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 221 page
background image
 2017-2018 Microchip Technology Inc.
DS00002418D-page 7
KSZ8563R
1.3
Register Nomenclature
1.4
References
•NXP I2C-Bus Specification (UM10204, April 4, 2014): www.nxp.com/documents/user_manual/UM10204.pdf
TABLE 1-3:
REGISTER NOMENCLATURE
Register Bit Type Notation
Register Bit Description
R
Read: A register or bit with this attribute can be read.
W
Write: A register or bit with this attribute can be written.
RO
Read only: Read only. Writes have no effect.
RC
Read to Clear: Contents is cleared after the read. Writes have no effect.
WO
Write only: If a register or bit is write-only, reads will return unspecified data.
WC
Write One to Clear: Writing a one clears the value. Writing a zero has no effect.
LL
Latch Low: Applies to certain RO status bits. If a status condition causes this bit to go
low, it will maintain the low state until read, even if the status condition changes. A read
clears the latch, allowing the bit to go high if dictated by the status condition.
LH
Latch High: Applies to certain RO status bits. If a status condition causes this bit to go
high, it will maintain the high state until read, even if the status condition changes. A
read clears the latch, allowing the bit to go low if dictated by the status condition.
SC
Self-Clearing: Contents are self-cleared after the being set. Writes of zero have no
effect. Contents can be read.
RESERVED
Reserved Field: Reserved fields must be written with zeros, unless otherwise indi-
cated, to ensure future compatibility. The value of reserved bits is not guaranteed on a
read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com